Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
=
-
+
ENA
UVLO2
START
ENA
1
UVLO1
V
R
V
V
I
R
-
=
START
STOP
UVLO1
HYS
V
V
R
I
HS
LS
Vout
0.8V
R
= R
0.8 V
-
æ
ö
´ ç
÷
è
ø
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
DETAILED DESCRIPTION (continued)
Error Amplifier
A transconductance error amplifier controls the TPS54341 device voltage-regulation loop. The error amplifier
compares the FB pin voltage to the lower of the internal soft-start voltage or the internal 0.8-V voltage reference.
The transconductance (gm) of the error amplifier is 350
μA/V during normal operation. During soft-start
operation, the transconductance is reduced to 78
μA/V and the error amplifier is referenced to the internal soft-
start voltage.
The frequency compensation components (capacitor, series resistor, and capacitor) are connected between the
error amplifier output COMP pin and GND pin.
Adjusting the Output Voltage
The internal voltage reference produces a precise 0.8-V ±1% voltage reference over the operating temperature
and voltage range by scaling the output of a bandgap-reference circuit. The output voltage is set by a resistor
divider from the output node to the FB pin. Using 1% tolerance or better divider resistors is recommended. Select
the low-side resistor RLS for the desired divider current and use Equation 2 to calculate RHS. To improve
efficiency at light loads consider using larger value resistors. However, if the values are too high, the regulator is
more susceptible to noise and voltage errors from the FB input current may become noticeable.
(2)
Enable and Adjusting Undervoltage Lockout
The TPS54341 device enables when the VIN pin voltage rises above 4.3 V and the EN pin voltage exceeds the
enable threshold of 1.2 V. The TPS54341 device disables when the VIN pin voltage falls below 4 V or when the
EN pin voltage is below 1.2 V. The EN pin has an internal pullup-current source, I1, of 1.2 μA that enables
operation of the TPS54341 device when the EN pin floats.
If an application requires a higher undervoltage-lockout (UVLO) threshold, use the circuit shown in Figure 26 to
adjust the input-voltage UVLO with two external resistors. When the EN pin voltage exceeds 1.2 V, an additional
3.4
μA of hysteresis current, IHYS, is sourced out of the EN pin. When the EN pin pulls below 1.2 V, the 3.4-μA
IHYS current is removed. This additional current facilitates adjustable input-voltage UVLO hysteresis. Use
Equation 3 to calculate RUVLO1 for the desired UVLO hysteresis voltage. Use Equation 4 to calculate RUVLO2 for
the desired VIN start voltage.
In applications designed to start at relatively low input voltages (that is, from 4.5 o 9 V) and withstand high input
voltages (for example, 40 V), the EN pin can experience a voltage greater than the absolute maximum voltage of
8.4 V during the high-input voltage condition. To avoid exceeding this voltage when using the EN resistors, the
EN pin is clamped internally with a 5.8-V Zener diode capable of sinking up to 150
μA.
(3)
(4)
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com