Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
SS
SS
SS
REF
T
(ms)
I
(µA)
C
(nF) =
V
(V)
0.8
´
´
TPS54341
i
VIN
RUVLO1
R
UVLO2
EN
V
EN
ihys
1
VIN
R
UVLO1
R
UVLO2
EN
Node
5.8 V
10 kW
TPS54341
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
Figure 26. Adjustable UVLO
Figure 27. Internal EN Pin Clamp
Soft-Start/Tracking Pin (SS/TR)
The TPS54341 device effectively uses the lower voltage of the internal voltage reference or the SS/TR pin
voltage as the reference voltage of the power-supply and regulates the output accordingly. A capacitor on the
SS/TR pin to ground implements a soft-start time. The TPS54341 device has an internal pullup-current source of
1.7
μA that charges the external soft-start capacitor. The calculations for the soft-start time (10% to 90%) are
shown in Equation 5. The voltage reference (VREF) is 0.8 V and the soft-start current (ISS) is 1.7 μA. The soft-start
capacitor should remain lower than 0.47
μF and greater than 0.47 nF.
(5)
At power up, the TPS54341 device does not start switching until the soft-start pin discharges to less than 54 mV
to ensure a proper power-up, see Figure 28.
Also, during normal operation, the TPS54341 device stops switching and the SS/TR must discharge to 54 mV,
when the VIN UVLO is exceeded, the EN pin pulls below 1.2 V, otherwise a thermal shutdown event occurs.
The FB voltage follows the SS/TR pin voltage with a 42-mV offset up to 85% of the internal voltage reference.
When the SS/TR voltage is greater than 85% on the internal reference voltage the offset increases as the
effective system reference transitions from the SS/TR voltage to the internal voltage reference (see Figure 23).
The SS/TR voltage ramps linearly until clamped at 2.7 V typically as shown in Figure 28.
Figure 28. Operation of SS/TR Pin When Starting
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com