Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
DETAILED DESCRIPTION (continued)
Power Good (PWRGD Pin)
The PWRGD pin is an open-drain output. Once the FB pin is between 93% and 106% of the internal voltage
reference the PWRGD pin is de-asserted and the pin floats. A pull-up resistor of 1 k
Ω to a voltage source that is
5.5 V or less is recommended. A higher pull-up resistance reduces the amount of current drawn from the pull up
voltage source when the PWRGD pin is asserted low. A lower pullup resistance reduces the switching noise
seen on the PWRGD signal. The PWRGD is in a defined state once the VIN input voltage is greater than 2 V but
with reduced current sinking capability. The PWRGD will achieve full current sinking capability as VIN input
voltage approaches 3 V.
The PWRGD pin is pulled low when the FB is lower than 90% or greater than 108% of the nominal internal
reference voltage. Also, the PWRGD is pulled low, if the UVLO or thermal shutdown are asserted or the EN pin
pulled low.
Overvoltage Protection
The TPS54341 device incorporates an output overvoltage-protection (OVP) circuit to minimize voltage overshoot
when recovering from output fault conditions or strong unload transients in designs with low-output capacitance.
For example, when the power-supply output is overloaded the error amplifier compares the actual output voltage
to the internal reference voltage. If the FB pin voltage is lower than the internal reference voltage for a
considerable time, the output of the error amplifier increases to a maximum voltage corresponding to the peak
current-limit threshold. When the overload condition is removed, the regulator output rises and the error amplifier
output transitions to the normal operating level. In some applications, the power-supply output voltage increases
faster than the response of the error amplifier output resulting in an output overshoot.
The OVP feature minimizes output overshoot when using a low-value output capacitor by comparing the FB pin
voltage to the rising OVP threshold which is nominally 108% of the internal voltage reference. If the FB pin
voltage is greater than the rising OVP threshold, the high-side MOSFET disables immediately to minimize output
overshoot. When the FB voltage drops below the falling OVP threshold which is nominally 106% of the internal
voltage reference, the high-side MOSFET resumes normal operation.
Thermal Shutdown
The TPS54341 device provides an internal thermal shutdown to protect the device when the junction
temperature exceeds 176°C. The high-side MOSFET stops switching when the junction temperature exceeds the
thermal trip threshold. Once the die temperature falls below 164°C, the device reinitiates the power-up sequence
controlled by discharging the SS/TR pin.
Small-Signal Model for Loop Response
Figure 42 shows a simplified equivalent model for the TPS54341 control loop which is simulated to check the
frequency response and dynamic load response. The error amplifier is a transconductance amplifier with a gmEA
of 350
μA/V. The error amplifier is modeled using an ideal voltage-controlled current source. The resistor RO and
capacitor Co model the open-loop gain and frequency response of the amplifier. The 1-mV AC-voltage source
between the nodes a and b effectively breaks the control loop for the frequency response measurements.
Plotting c/a provides the small signal response of the frequency compensation. Plotting a/b provides the small
signal response of the overall loop. The dynamic loop response is evaluated by replacing RL with a current
source with the appropriate load step amplitude and step rate in a time domain analysis. This equivalent model is
only valid for CCM operation.
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com