Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
OUT(max)
(max)
IN(min)
OUT(max)
DS(on)
d
d
OUT(max)
dc
V
D
x (V
- I
x R
V ) - V
I
x R
=
+
+
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
When in Eco-mode, the COMP pin voltage is clamped at 600 mV and the high-side MOSFET is inhibited.
Because the device is not switching, the output voltage begins to decay. The voltage-control loop responds to
the falling output voltage by increasing the COMP pin voltage. The high-side MOSFET enables and switching
resumes when the error amplifier lifts COMP above the pulse skipping threshold. The output voltage recovers to
the regulated value, and COMP eventually falls below the Eco-mode pulse skipping threshold at which time the
device again enters Eco-mode. The internal PLL remains operational when in Eco-mode. When operating at light
load currents in Eco-mode, the switching transitions occur synchronously with the external clock signal.
During Eco-mode operation, the TPS54341 device senses and controls peak switch current, not the average
load current. Therefore the load current at which the device enters Eco-mode is dependent on the output inductor
value. The circuit in Figure 46 enters Eco-mode at 30-mA output current. As the load current approaches zero,
the device enters a pulse-skip mode during which it draws only 152-
μA input quiescent current.
Low Dropout Operation and Bootstrap Voltage (BOOT)
The TPS54341 device provides an integrated bootstrap-voltage regulator. A small capacitor between the BOOT
and SW pins provides the gate-drive voltage for the high-side MOSFET. The BOOT capacitor refreshes when the
high-side MOSFET is off and the external low-side diode conducts. The recommended value of the BOOT
capacitor is 0.1
μF. A ceramic capacitor with an X7R or X5R grade dielectric with a voltage rating of 10 V or
higher is recommended for stable performance over temperature and voltage.
When operating with a low voltage difference from input to output, the high-side MOSFET of the TPS54341
device operates at 100% duty cycle as long as the BOOT to SW pin voltage is greater than 2.1 V. When the
voltage from BOOT to SW drops below 2.1 V, the high-side MOSFET turns off and an integrated low-side
MOSFET pulls SW low to recharge the BOOT capacitor. To reduce the losses of the small low-side MOSFET at
high output voltages, the low-side MOSFET is disabled at 24 V output and re-enabled when the output reaches
21.5 V.
Because the gate-drive current sourced from the BOOT capacitor is small, the high-side MOSFET remains on for
many switching cycles before the MOSFET turns off to refresh the capacitor. Thus the effective duty cycle of the
switching regulator can be high, approaching 100%. The effective duty cycle of the converter during dropout is
mainly influenced by the voltage drops across the power MOSFET, the inductor resistance, the low-side diode
voltage, and the printed circuit-board resistance.
The start and stop voltage for a typical 5-V output application is shown in Figure 25 where the input voltage is
plotted versus load current. The start voltage is defined as the input voltage required to regulate the output within
1% of nominal. The stop voltage is defined as the input voltage at which the output drops by 5% or where
switching stops.
During high duty-cycle (low dropout) conditions, inductor current-ripple increases when the BOOT capacitor
recharges resulting in an increase in output-voltage ripple. Increased ripple occurs when the off time required to
recharge the BOOT capacitor is longer than the high-side off time associated with cycle-by-cycle PWM control.
At heavy loads, the minimum input voltage must increase to ensure a monotonic startup. Equation 1 calculates
the minimum input voltage for this condition.
(1)
where
•
D(max) ≥ 0.9
•
Vd = forward drop of the catch diode
•
VBOOT = (1.41 × VIN – 0.554 – Vd × ƒSW – 1.847 × 10
3 × IB2SW) / (1.41 + ƒ
SW)
•
R DS(on) = 1 / (–0.3 × VB2SW
2 + 3.577 × VB2SW – 4.246)
•
IB2SW = 100 µA
•
VB2SW = VBOOT + Vd
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com