Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
(
)
O
O
1
P2
Type 1
2
R
C2 C
=
p ´
´
+
O
O
1
P2
Type 2B
2
R3 R
C
=
p ´
´
P
(
)
O
O
1
P2
Type 2A
2
R3 R
C2 C
=
p ´
´
+
P
1
Z1
2
R3
C1
=
p ´
´
1
P1
2
Ro
C1
=
p ´
´
ea
O
R2
A1
gm
R
R3
R1 R2
=
´
´
+
P
ea
O
R2
A0
gm
R
R1 R2
=
´
´
+
Z1
P1
P2
s
1
2
ƒ
EA
A0
s
s
1
1
2
ƒ
2
ƒ
æ
ö
+
ç
÷
p ´
è
ø
=
´
æ
ö
æ
ö
+
´
+
ç
÷
ç
÷
p ´
p ´
è
ø
è
ø
p
´
ea
O
gm
C
=
2
BW (Hz)
(
)
O
ea
Aol V / V
R
gm
=
A0
A1
P1
Z1
P2
Aol
BW
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
Figure 45. Frequency Response of the Type 2A and Type 2B Frequency Compensation
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com