Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 2Page - Texas Instruments TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 4.5 to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SS/TR-to-FB matching
VSS/TR = 0.4 V
42
mV
SS/TR-to-reference crossover
98% nominal
1.16
V
SS/TR discharge current (overload)
FB = 0 V, VSS/TR = 0.4 V
354
µA
SS/TR discharge voltage
FB = 0 V
54
mV
POWER GOOD (PWRGD PIN)
FB threshold for PWRGD low
FB falling
90
%
FB threshold for PWRGD high
FB rising
93
%
FB threshold for PWRGD low
FB rising
108
%
FB threshold for PWRGD high
FB falling
106
%
Hysteresis
FB falling
2.5
%
Output high leakage
VPWRGD = 5.5 V, TA = 25°C
10
nA
On resistance
IPWRGD = 3 mA, VFB < 0.79 V
45
Ω
Minimum VIN for defined output
VPWRGD < 0.5 V, IPWRGD = 100 µA
0.9
2
V
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com