Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54341_15 Datasheet HTML 1Page - Texas Instruments TPS54341_15 Datasheet HTML 2Page - Texas Instruments TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 4.5 to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
4.5
42
V
Internal undervoltage lockout
Rising
4.1
4.3
4.48
V
threshold
Internal undervoltage lockout
325
mV
threshold hysteresis
Shutdown supply current
EN = 0 V, 25°C, 4.5 V
≤ VIN ≤ 42 V
2.25
4.5
μA
Operating: nonswitching supply
FB = 0.9 V, TA = 25°C
152
200
current
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling
1.1
1.2
1.3
V
Enable threshold +50 mV
–4.6
Input current
μA
Enable threshold –50 mV
–0.58
–1.2
–1.8
Hysteresis current
–2.2
–3.4
–4.5
μA
Enable to COMP active
VIN = 12 V, TA = 25°C
540
µs
VOLTAGE REFERENCE
Voltage reference
0.792
0.8
0.808
V
HIGH-SIDE MOSFET
On-resistance
VIN = 12 V, BOOT-SW = 6 V
87
185
m
Ω
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
350
μMhos
(gm)
Error amplifier transconductance
–2
μA < ICOMP < 2 μA, VCOMP = 1 V, VFB = 0.4 V
77
μMhos
(gm) during soft-start
Error amplifier DC gain
VFB = 0.8 V
10 000
V/V
Min unity gain bandwidth
2500
kHz
Error amplifier source and sink
V(COMP) = 1 V, 100-mV overdrive
±30
μA
COMP to SW current
12
A/V
transconductance
CURRENT LIMIT
All VIN and temperatures, Open Loop(1)
4.5
5.5
6.8
Current limit threshold
All temperatures, VIN = 12 V, Open Loop (1)
4.5
5.5
6.3
A
VIN = 12 V, TA = 25°C, Open Loop
(1)
5.2
5.5
5.9
Current limit threshold delay
60
ns
THERMAL SHUTDOWN
Thermal shutdown
176
°C
Thermal shutdown hysteresis
12
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT
100
2500
kHz
mode
ƒSW
Switching frequency
RT = 200 kΩ
450
500
550
kHz
Switching frequency range using CLK
160
2300
kHz
mode
Minimum CLK input pulse width
15
ns
RT/CLK high threshold
1.55
2
V
RT/CLK low threshold
0.5
1.2
V
RT/CLK falling edge to SW rising
Measured at 500 kHz with RT resistor in series
55
ns
edge delay
PLL lock in time
Measured at 500 kHz
78
μs
SOFT START AND TRACKING (SS/TR PIN)
Charge current
VSS/TR = 0.4 V
1.7
µA
(1)
Open Loop current limit measured directly at the SW pin and is independent of the inductor value and slope compensation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com