Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
V
REF
VO
R1
R3
C1
C2
R2
CO
RO
gm
ea
COMP
FB
Type 2A
Type 2B
Type 1
C2
R3
C1
Z
OUT
ESR
1
ƒ
C
R
2
=
´
´
p
P
OUT
L
1
ƒ
C
R
2
=
´
´
p
ps
L
Adc = gm
R
´
Z
OUT
P
s
1
2
ƒ
V
Adc
VC
s
1
2
ƒ
æ
ö
+
ç
÷
p ´
è
ø
=
´
æ
ö
+
ç
÷
p ´
è
ø
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
DETAILED DESCRIPTION (continued)
(14)
(15)
(16)
(17)
Small Signal Model for Frequency Compensation
The TPS54341 device uses a transconductance amplifier for the error amplifier and supports three of the
commonly-used frequency compensation circuits. Compensation circuits Type 2A, Type 2B, and Type 1 are
shown in Figure 44. Type 2 circuits are typically implemented in high bandwidth power-supply designs using low-
ESR output capacitors. The Type 1 circuit is used with power-supply designs with high-ESR aluminum-
electrolytic or tantalum capacitors. Equation 18 and Equation 19 relate the frequency response of the amplifier to
the small signal model in Figure 44. The open-loop gain and bandwidth are modeled using the RO and CO shown
in Figure 44. See the APPLICATION INFORMATION section for a design example using a Type 2A network with
a low-ESR output capacitor.
Equation 18 through Equation 27 are provided as a reference. An alternative is to use WEBENCH software tools
to create a design based on the power-supply requirements (go to www.ti.com/WEBENCH for more information).
Figure 44. Types of Frequency Compensation
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com