Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
W
W
0.991
92417
RT (k ) =
= 163 k
600 (kHz)
SW(shift)
8
4.7 A x 21 m
0.1 V
0.7 V
1260 kHz
135 ns
42 V - 4.7 A x 87 m
0.7 V
W +
+
æ
ö
=
´
=
ç
÷
W +
è
ø
f
SW(max skip)
1
3.5 A x 21 m
3.3 V
0.7 V
712 kHz
135ns
42 V - 3.5 A x 87 m
0.7 V
æ
ö
W +
+
=
´
=
ç
÷
W +
è
ø
f
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
APPLICATION INFORMATION
Design Guide — Step-By-Step Design Procedure
This guide illustrates the design of a high frequency switching regulator using ceramic output capacitors. A few
parameters must be known in order to start the design process. These requirements are typically determined at
the system level. The necessary calculations can be done using WEBENCH or the excel spreadsheet
(SLVC452) located on the product. This design starts from the following known parameters.
Output Voltage
3.3 V
Transient Response 0.875 A to 2.625 A load step
ΔVOUT = 4 %
Maximum Output Current
3.5 A
Input Voltage
12 V nominal 6 V to 42 V
Output Voltage Ripple
0.5% of VOUT
Start Input Voltage (rising VIN)
5.75 V
Stop Input Voltage (falling VIN)
4.5 V
Selecting the Switching Frequency
The first step is to choose a switching frequency for the regulator. Typically, the designer uses the highest
switching frequency possible because this produces the smallest solution size. High switching frequency allows
for lower value inductors and smaller output capacitors compared to a power supply that switches at a lower
frequency. The switching frequency that can be selected is limited by the minimum on-time of the internal power
switch, the input voltage, the output voltage and the frequency-foldback protection.
Equation 12 and Equation 13 must be used to calculate the upper limit of the switching frequency for the
regulator. Choose the lower value result from the two equations. Switching frequencies higher than these values
results in pulse skipping or the lack of overcurrent protection during a short circuit.
The typical minimum on time, tonmin, is 135 ns for the TPS54341 device. For this example, the output voltage is
3.3 V and the maximum input voltage is 42 V, which allows for a maximum switch frequency up to 712 kHz to
avoid pulse skipping from Equation 12. To ensure overcurrent runaway is not a concern during short circuits use
Equation 13 to determine the maximum switching frequency for frequency foldback protection. With a maximum
input voltage of 42 V, assuming a diode voltage of 0.7 V, inductor resistance of 21 m
Ω, switch resistance of 87
m
Ω, a current-limit value of 4.7 A and short circuit output voltage of 0.1 V, the maximum switching frequency is
1260 kHz.
For this design, a lower switching frequency of 600 kHz is chosen to operate comfortably below the calculated
maximums. To determine the timing resistance for a given switching frequency, use Equation 10 or the curve in
Figure 6. The switching frequency is set by resistor R3 shown in Figure 46. For 600 kHz operation, the closest
standard value resistor is 162 k
Ω.
(28)
(29)
(30)
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com