Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
450
460
470
480
490
500
510
520
530
540
550
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
RT = 200 kOhm, VIN = 12 V
C005
RT = 200 k
, VIN = 12 V
100
150
200
250
300
350
400
450
500
200
300
400
500
600
700
800
900
1,000
RT/CLK - Resistance (k
)
C006
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 24V
Vin = 36V
C004
V
IN = 7 V
V
IN = 12 V
V
IN = 24 V
V
IN = 36 V
V
OUT
9¦
SW = 600 kHZ
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C003
V
IN = 12 V
0
0.05
0.1
0.15
0.2
0.25
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
BOOT-SW = 3 V
BOOT-SW = 6 V
C001
0.784
0.789
0.794
0.799
0.804
0.809
0.814
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C002
V
IN = 12 V
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
TYPICAL CHARACTERISTICS
ON RESISTANCE
VOLTAGE REFERENCE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT
SWITCH CURRENT LIMIT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 3.
Figure 4.
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
RT/CLK RESISTANCE
JUNCTION TEMPERATURE
LOW FREQUENCY RANGE
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com