Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
OUT1
R1
2800
V
180
V
>
´
-
´ D
OUT1
OUT2
V
V
V
D =
-
REF
OUT2
REF
V
R1
R2
V
V
V
´
=
+ D -
OUT2
SSoffset
REF
SS
V
V
V
R1
V
I
+ D
=
´
SS/TR
TPS54341
EN
PWRGD
SS / TR
EN
PWRGD
VOUT 1
VOUT 2
R 1
R 2
R3
R 4
TPS54341
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
Figure 33. Schematic for Ratiometric and Simultaneous Startup Sequence
Ratiometric and simultaneous power-supply sequencing is implemented by connecting the resistor network of R1
and R2 shown in Figure 33 to the output of the power supply that must be tracked or another voltage reference
source. Using Equation 6 and Equation 7, calculate the tracking resistors to initiate the VOUT2 slightly before,
after, or at the same time as VOUT1. Equation 8 is the voltage difference between VOUT1 and VOUT2 at the 95% of
nominal output regulation.
The
ΔV variable is 0 V for simultaneous sequencing. To minimize the effect of the inherent SS/TR to FB offset
(VSSoffset) in the soft-start circuit and the offset created by the pullup-current source (ISS) and tracking resistors,
the VSSoffset and ISS are included as variables in the equations.
To design a ratiometric start-up in which the VOUT2 voltage is slightly greater than the VOUT1 voltage when VOUT2
reaches regulation, use a negative number in Equation 6 through Equation 8 for
ΔV. Equation 8 results in a
positive number for applications which the VOUT2 is slightly lower than VOUT1 when VOUT2 regulation is achieved.
Because the SS/TR pin must be pulled below 54 mV before starting after an EN, UVLO, or thermal shutdown
fault, careful selection of the tracking resistors is required to ensure the device restarts after a fault. The
calculated R1 value from Equation 6 must be greater than the value calculated in Equation 9 to ensure the
device recovers from a fault.
As the SS/TR voltage becomes more than 85% of the nominal reference voltage, the VSSoffset becomes larger as
the soft-start circuits gradually hands-off the regulation reference to the internal voltage reference. The SS/TR pin
voltage must be greater than 1.5 V for a complete handoff to the internal voltage reference.
(6)
(7)
(8)
(9)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com