Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 23Page - Texas Instruments TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
VIN
GND
EN
GND
6 V to 42 V
2.2µF
C1
2.2µF
C2
2.2µF
C3
DNP
GND
GND
GND
88.7k
R2
365k
R1
GND
TP1
TP2
1
2
J3
1
2
J4
GND
2.2µF
C10
DNP
1
2
J2
+
C11
DNP
0.01µF
C13
PWRGD
TP10
FB
BOOT
1
VIN
2
EN
3
SS/TR
4
RT/CLK
5
FB
6
COMP
7
GND
8
SW
9
PWRGD
10
PAD
U1
TPS54341DPR
162k
R3
11.5k
R4
47pF
C8
5600pF
C5
1
2
J5
SS/TR
GND
GND
SS/TR
GND
SS/TR
0.1µF
C4
3.3V 3.5A
VOUT
GND
47µF
C9
DNP
47µF
C7
DNP
100µF
C6
GND
GND
49.9
R7
31.6k
R5
10.2k
R6
TP6
TP8
TP4
TP7
TP5
TP3
5.6µH
L1
7443552560
1
2
J1
+
C12
DNP
D1
PDS560-13
FB
PWRGD PULL UP
TP9
1.00k
R8
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
Figure 46. 3.3-V Output TPS54341 Design Example
Output Inductor Selection (LO)
To calculate the minimum value of the output inductor, use Equation 31.
KIND is a ratio that represents the amount of inductor ripple current relative to the maximum output current. The
inductor ripple current is filtered by the output capacitor. Therefore, choosing high inductor ripple currents
impacts the selection of the output capacitor because the output capacitor must have a ripple current rating equal
to or greater than the inductor ripple current. In general, the inductor ripple value is at the discretion of the
designer, however, the following guidelines may be used.
For designs using low ESR output capacitors such as ceramics, a value as high as KIND = 0.3 may be desirable.
When using higher ESR output capacitors, KIND = 0.2 yields better results. Because the inductor ripple current is
part of the current mode PWM control system, the inductor ripple current should always be greater than 150 mA
for stable PWM operation. In a wide input voltage regulator, it is best to choose relatively large inductor ripple
current. This provides sufficienct ripple current with the input voltage at the minimum.
For this design example, KIND = 0.3 and the minimum inductor value is calculated to be 4.8 μH. The nearest
standard value is 5.6
μH. It is important that the RMS current and saturation current ratings of the inductor not be
exceeded. The RMS and peak inductor current can be found from Equation 33 and Equation 34. For this design,
the RMS inductor current is 3.5 A and the peak inductor current is 3.95 A. The chosen inductor is a WE
7443552560, which has a saturation current rating of 7.5 A and an RMS current rating of 6.7 A.
As the equation set demonstrates, lower ripple currents will reduce the output voltage ripple of the regulator but
will require a larger value of inductance. Selecting higher ripple currents will increase the output voltage ripple of
the regulator but allow for a lower inductance value.
The current flowing through the inductor is the inductor ripple current plus the output current. During power up,
faults or transient load conditions, the inductor current can increase above the peak inductor current level
calculated above. In transient conditions, the inductor current can increase up to the switch current limit of the
device. For this reason, the most conservative design approach is to choose an inductor with a saturation current
rating equal to or greater than the switch current limit of the TPS54341 device which is nominally 5.5 A.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com