Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments TPS54341_15 Datasheet HTML 17Page - Texas Instruments TPS54341_15 Datasheet HTML 18Page - Texas Instruments TPS54341_15 Datasheet HTML 19Page - Texas Instruments TPS54341_15 Datasheet HTML 20Page - Texas Instruments TPS54341_15 Datasheet HTML 21Page - Texas Instruments TPS54341_15 Datasheet HTML 22Page - Texas Instruments TPS54341_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
t
ON
t
CLdelay
CLPeak
Peak Inductor Current
Open Loop Current Limit
CLPeak = V
/L x t
IN
CLdelay
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
DETAILED DESCRIPTION (continued)
Accurate Current Limit Operation and Maximum Switching Frequency
The TPS54341 device implements peak-current-mode control in which the COMP pin voltage controls the peak
current of the high-side MOSFET. A signal proportional to the high-side switch current and the COMP pin voltage
are compared each cycle. When the peak switch current intersects the COMP control voltage, the high-side
switch turns off. During overcurrent conditions that pull the output voltage low, the error amplifier increases
switch current by driving the COMP pin high. The error amplifier output clamps internally at a level which sets the
peak switch current limit. The TPS54341 device provides an accurate current limit threshold with a typical current
limit delay of 60 ns. With smaller inductor values, the delay results in a higher peak inductor current. The
relationship between the inductor value and the peak inductor current is shown in Figure 37.
Figure 37. Current Limit Delay
To protect the converter in overload conditions at higher switching frequencies and input voltages, the TPS54341
device implements a frequency foldback. The oscillator frequency is divided by 1, 2, 4, and 8 as the FB pin
voltage falls from 0.8 V to 0 V. The TPS54341 device uses a digital frequency foldback to enable synchronization
to an external clock during normal startup and fault conditions. During short-circuit events, the inductor current
can exceed the peak current-limit because of the high input voltage and the minimum controllable on time. When
the output voltage is forced low by the shorted load, the inductor current decreases slowly during the switch off
time. The frequency foldback effectively increases the off time by increasing the period of the switching cycle
providing more time for the inductor current to ramp down.
With a maximum frequency-foldback ratio of 8, there is a maximum frequency at which frequency-foldback
protection controls the inductor current. Equation 13 calculates the maximum switching frequency at which the
inductor current remains under control when VOUT is forced to VOUT(SC). The selected operating frequency should
not exceed the calculated value.
Equation 12 calculates the maximum switching-frequency limitation set by the minimum controllable on time and
the input-to-output step-down ratio. Setting the switching frequency above this value causes the regulator to skip
switching pulses to achieve the low duty cycle required to regulate the output voltage at maximum input voltage.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com