Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54341_15 Datasheet HTML 1Page - Texas Instruments TPS54341_15 Datasheet HTML 2Page - Texas Instruments TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
–0.3
45
EN
–0.3
8.4
BOOT
53
FB
–0.3
3
Input voltage
V
COMP
–0.3
3
PWRGD
–0.3
6
SS/TR
–0.3
3
RT/CLK
–0.3
3.6
BOOT-SW
8
Output voltage
SW
–0.6
45
V
SW, 10-ns Transient
–2
45
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
Operating junction temperature
–40
150
°C
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54341
THERMAL METRIC(1) (2)
UNITS
DPR (10 PINS)
θJA
Junction-to-ambient thermal resistance (standard board)
35.1
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
12.5
°C/W
θJCtop
Junction-to-case(top) thermal resistance
34.1
θJCbot
Junction-to-case(bottom) thermal resistance
2.2
θJB
Junction-to-board thermal resistance
12.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 150°C. This is the point where
distortion starts to substantially increase. See power dissipation estimate in application section of this data sheet for more information.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com