Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments TPS54341_15 Datasheet HTML 35Page - Texas Instruments TPS54341_15 Datasheet HTML 36Page - Texas Instruments TPS54341_15 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
sw
1
1
C8
46.1 pF
R4
11.5 k
600 kHz
=
=
=
´
´ p
W ´
´ p
ƒ
m
W
=
=
=
W
OUT
ESR
C
x R
70 F x 5 m
C8
30.4 pF
R4
11.5 k
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
A compensation pole can be implemented if desired by adding capacitor C8 in parallel with the series
combination of R4 and C5. Use the larger value calculated from Equation 54 and Equation 55 for C8 to set the
compensation pole. The selected value of C8 is 47 pF for this design example.
(54)
(55)
Discontinuous Conduction Mode and Eco-mode Boundary
With an input voltage of 12 V, the power supply enters discontinuous conduction mode when the output current
is less than 340 mA. The power supply enters Eco-mode when the output current is lower than 30 mA. The input
current draw is 260
μA with no load.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com