Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54341_15 Datasheet HTML 1Page - Texas Instruments TPS54341_15 Datasheet HTML 2Page - Texas Instruments TPS54341_15 Datasheet HTML 3Page - Texas Instruments TPS54341_15 Datasheet HTML 4Page - Texas Instruments TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
I
O - Output Current (A)
C099
V
OUT = 12 V, fsw = 620 kHz,
V
OUT = 5 V and 3.3 V, f sw = 400 kHz
12 V to 5 V
12 V to 3.3 V
36 V to 12 V
SW
VIN
GND
BOOT
FB
COMP
EN
RT/CLK
VIN
VOUT
TPS54341
SS/TR
PWRGD
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode™
Check for Samples: TPS54341
1
FEATURES
DESCRIPTION
The TPS54341 device is a 42-V 3.5-A step-down
23
•
High Efficiency at Light Loads with Pulse
regulator with an integrated high-side MOSFET. The
Skipping Eco-mode™
device survives load-dump pulses up to 45 V per ISO
•
87-m
Ω High-Side MOSFET
7637. Current mode control provides simple external
•
152-
μA Operating Quiescent Current and
compensation and flexible component selection. A
low-ripple pulse-skip mode reduces the no-load
2-
μA Shutdown Current
supply current to 152
μA. Shutdown supply current is
•
100-kHz to 2.5-MHz Adjustable Switching
reduced to 2
μA when the enable pin is pulled low.
Frequency
Undervoltage lockout is internally set at 4.3 V but can
•
Synchronizes to External Clock
increase using an external resistor divider at the
•
Low Dropout at Light Loads with Integrated
enable pin. The output voltage startup ramp is
BOOT Recharge FET
controlled by the soft start pin that can also be
•
Adjustable UVLO Voltage and Hysteresis
configured for sequencing/tracking. An open-drain
power-good signal indicates the output is within 93%
•
UV and OV Power-Good Output
to 106% of the nominal voltage.
•
Adjustable Soft-Start and Sequencing
A wide adjustable switching-frequency range allows
•
0.8-V 1% Internal Voltage Reference
for optimization of either efficiency or external
•
10-Pin SON with Thermal Pad Package
component
size.
Cycle-by-cycle
current
limit,
•
–40°C to 150°C TJ Operating Range
frequency foldback and thermal shutdown protects
internal and external components during an overload
•
Supported by WEBENCH® Software Tool
condition.
APPLICATIONS
The TPS54341 device is available in a 10-pin 4-mm ×
4-mm SON package.
•
Industrial Automation and Motor Control
•
Vehicle Accessories: GPS (see SLVA412),
Entertainment
•
USB-Dedicated Charging Ports and Battery
Chargers (see SLVA464)
•
12-V and 24-V Industrial, Automotive and
Communications Power Systems
SIMPLIFIED SCHEMATIC
EFFICIENCY vs LOAD CURRENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode is a trademark of Texas Instruments.
3
WEBENCH is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54341_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54341DPRR TI2-TPS54341DPRR Datasheet
2Mb / 52P
TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™
REVISED OCTOBER 2016
TPS54341DPRR.A TI2-TPS54341DPRR.A Datasheet
2Mb / 52P
TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™
REVISED OCTOBER 2016
TPS54341DPRR.B TI2-TPS54341DPRR.B Datasheet
2Mb / 52P
TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™
REVISED OCTOBER 2016
TPS54341DPRRG4 TI2-TPS54341DPRRG4 Datasheet
2Mb / 52P
TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™
REVISED OCTOBER 2016
TPS54341DPRRG4.A TI2-TPS54341DPRRG4.A Datasheet
2Mb / 52P
TPS54341 4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start And Eco-Mode™
REVISED OCTOBER 2016
More results

Similar Description - TPS54341_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com