Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 5Page - Texas Instruments TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
70
90
110
130
150
170
190
210
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C017
V
IN = 12 V
70
90
110
130
150
170
190
210
0
5
10
15
20
25
30
35
40
45
V
IN - Input Voltage (SC)
VIN = 12 V
C018
T
J = 25 °C
0
0.5
1
1.5
2
2.5
3
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C015
V
IN = 12 V
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
45
V
IN - Input Voltage (SC)
VIN = 12 V
C016
T
J = 25 °C
±4.5
±4.3
±4.1
±3.9
±3.7
±3.5
±3.3
±3.1
±2.9
±2.7
±2.5
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C013
V
IN = 12 V
0.0
25.0
50.0
75.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
SENSE (V)
Vsense Falling
Vsense Falling
C014
V
SENSE Falling
V
SENSE Rising
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
TYPICAL CHARACTERISTICS (continued)
EN PIN CURRENT HYSTERESIS
SWITCHING FREQUENCY
vs
vs
JUNCTION TEMPERATURE
FB
Figure 13.
Figure 14.
SHUTDOWN SUPPLY CURRENT
SHUTDOWN SUPPLY CURRENT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE (VIN)
Figure 15.
Figure 16.
VIN SUPPLY CURRENT
VIN SUPPLY CURRENT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 17.
Figure 18.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com