Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments TPS54341_15 Datasheet HTML 35Page - Texas Instruments TPS54341_15 Datasheet HTML 36Page - Texas Instruments TPS54341_15 Datasheet HTML 37Page - Texas Instruments TPS54341_15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Time = 2
s/div
m
C2: V
ac coupled
OUT
C1: SW
C4: IL
I
= 3.5 A
OUT
C2
C4
C1
Time = 2
s/div
m
C2: V
ac coupled
OUT
C1: SW
C4: IL
I
= 100 mA
OUT
C2
C4
C1
Time = 2 ms/div
C3: EN
C2: V
OUT
C3
C2
C1
C1: V
IN
Time = 100
s/div
m
C3: V
ac coupled
OUT
C4: IOUT
C4
C3
Time = 4 ms/div
V
V offset
OUT
-3.3
V
IN
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
APPLICATION CURVES
Figure 47. Load Transient
Figure 48. Line Transient (8 V to 40 V)
Figure 49. Startup With VIN
Figure 50. Startup With EN
Figure 51. Output Ripple CCM
Figure 52. Output Ripple DCM
34
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com