Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 6Page - Texas Instruments TPS54341_15 Datasheet HTML 7Page - Texas Instruments TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
20
25
30
35
40
45
50
55
60
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V, FB = 0.4 V
C025
V
IN = 12 V, FB = 0.4 V
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
SS/TR (mV)
VIN = 12 V, 25 °C
C024
V
IN = 12 V, 25 °C
0
10
20
30
40
50
60
70
80
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C021
V
IN = 12 V
88
90
92
94
96
98
100
102
104
106
108
110
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
C022
V
IN = 12 V
FB Rising
FB Rising
FB Falling
FB Falling
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
BOOT-PH UVLO Falling
BOOT-PH UVLO Rising
C019
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
UVLO Start Switching
UVLO Stop Switching
C020
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
BOOT-SW UVLO
INPUT VOLTAGE UVLO
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 19.
Figure 20.
PWRGD ON RESISTANCE
PWRGD THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 21.
Figure 22.
SS/TR to FB OFFSET
SS/TR to FB OFFSET
vs
vs
FB
TEMPERATURE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com