Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 35 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments TPS54341_15 Datasheet HTML 35Page - Texas Instruments TPS54341_15 Datasheet HTML 36Page - Texas Instruments TPS54341_15 Datasheet HTML 37Page - Texas Instruments TPS54341_15 Datasheet HTML 38Page - Texas Instruments TPS54341_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Time = 40
s/div
m
VIN
I
= 100 mA
EN Floating
OUT
VOUT
Time = 40
s/div
m
VIN
I
= 1 A
EN Floating
OUT
VOUT
Time = 2
s/div
m
C3: V
ac coupled
IN
C1: SW
C4: IL
I
= 100 mA
OUT
C3
C4
C1
Time = 20
s/div
m
C3: V
ac coupled
OUT
C1: SW
C4: IL
No Load
EN Floating
C3
C4
V
= 5.5 V
V
= 5 V
IN
OUT
Time = 2
s/div
m
C3: V
ac coupled
IN
C1: SW
C4: IL
I
= 3.5 A
OUT
C2
C4
C1
Time = 2 ms/div
No Load
C1: SW
C4: IL
C2: V
ac coupled
OUT
C2
C4
C1
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
Figure 53. Output Ripple PSM
Figure 54. Input Ripple CCM
Figure 55. Input Ripple DCM
Figure 56. Low Dropout Operation
Figure 57. Low Dropout Operation
Figure 58. Low Dropout Operation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com