Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 24Page - Texas Instruments TPS54341_15 Datasheet HTML 25Page - Texas Instruments TPS54341_15 Datasheet HTML 26Page - Texas Instruments TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
(
) =
+
=
+
=
RIPPLE
OUT
L peak
I
0.905 A
I
I
3.5 A
3.95 A
2
2
(
)
(
)
(
)
(
)
(
)
(
)
(
)
2
2
OUT
OUT
IN max
2
2
OUT
L rms
O
SW
IN max
V
V
V
3.3 V
42 V – 3.3 V
1
1
I
I
3.5 A
3.5 A
12
V
L
12
42 V
5.6 µH
600 kHz
æ
ö
´
-
æ
ö
´
ç
÷
=
+
´
=
+
´
=
ç
÷
ç
÷
ç
÷
´
´
´
´
è
ø
ç
÷
è
ø
ƒ
(
)
(
)
OUT
OUT
IN max
RIPPLE
O
SW
IN max
V
(V
V
)
3.3 V
(42 V
3.3 V)
I
0.905 A
V
L
ƒ
42 V
5.6 µH
600 kHz
´
-
´
=
=
=
´
´
´
´
–
(
)
(
)
(
)
OUT
IN max
OUT
O min
OUT
IND
SW
IN max
V
V
V
42 V
3.3 V
3.3 V
L
4.8 µH
I
K
V
3.5 A
0.3
42 V
600 kHz
-
=
´
=
´
=
´
´
´
´
–
ƒ
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
(31)
spacer
(32)
spacer
(33)
spacer
(34)
Output Capacitor
There are three primary considerations for selecting the value of the output capacitor. The output capacitor
determines the modulator pole, the output voltage ripple, and how the regulator responds to a large change in
load current. The output capacitance needs to be selected based on the most stringent of these three criteria.
The desired response to a large change in the load current is the first criteria. The output capacitor needs to
supply the increased load current until the regulator responds to the load step. The regulator does not respond
immediately to a large, fast increase in the load current such as transitioning from no load to a full load. The
regulator usually needs two or more clock cycles for the control loop to sense the change in output voltage and
adjust the peak switch current in response to the higher load. The output capacitance must be large enough to
supply the difference in current for two clock cycles to maintain the output voltage within the specified range.
Equation 35 shows the minimum output capacitance necessary, where
ΔIOUT is the change in output current, ƒsw
is the regulators switching frequency and
ΔVOUT is the allowable change in the output voltage. For this example,
the transient load response is specified as a 4% change in VOUT for a load step from 0.875 A to 2.625 A.
Therefore,
ΔIOUT is 2.625 A – 0.875 A = 1.75 A and ΔVOUT = 0.04 × 3.3 = 0.13 V. Using these numbers gives a
minimum capacitance of 44.9
μF. This value does not take the ESR of the output capacitor into account in the
output voltage change. For ceramic capacitors, the ESR is usually small enough to be ignored. Aluminum
electrolytic and tantalum capacitors have higher ESR that must be included in load step calculations.
The output capacitor must also be sized to absorb energy stored in the inductor when transitioning from a high to
low load current. The catch diode of the regulator can not sink current so energy stored in the inductor can
produce an output voltage overshoot when the load current rapidly decreases. A typical load step response is
shown in Figure 47. The excess energy absorbed in the output capacitor will increase the voltage on the
capacitor. The capacitor must be sized to maintain the desired output voltage during these transient periods.
Equation 36 calculates the minimum capacitance required to keep the output voltage overshoot to a desired
value, where LO is the value of the inductor, IOH is the output current under heavy load, IOL is the output under
light load, Vf is the peak output voltage, and VI is the initial voltage. For this example, the worst case load step
will be from 2.625 A to 0.875 A. The output voltage increases during this load transition and the stated maximum
in our specification is 4 % of the output voltage. This makes Vf = 1.04 × 3.3 = 3.432. VI is the initial capacitor
voltage which is the nominal output voltage of 3.3 V. Using these numbers in Equation 36 yields a minimum
capacitance of 38.6
μF.
Equation 37 calculates the minimum output capacitance needed to meet the output voltage ripple specification,
where ƒsw is the switching frequency, VORIPPLE is the maximum allowable output voltage ripple, and IRIPPLE is the
inductor ripple current. Equation 37 yields 11.4
μF.
Equation 38 calculates the maximum ESR an output capacitor can have to meet the output voltage ripple
specification. Equation 38 indicates the ESR should be less than 18 m
Ω.
The most stringent criteria for the output capacitor is 44.9
μF required to maintain the output voltage within
regulation tolerance during a load transient.
28
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com