Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 27Page - Texas Instruments TPS54341_15 Datasheet HTML 28Page - Texas Instruments TPS54341_15 Datasheet HTML 29Page - Texas Instruments TPS54341_15 Datasheet HTML 30Page - Texas Instruments TPS54341_15 Datasheet HTML 31Page - Texas Instruments TPS54341_15 Datasheet HTML 32Page - Texas Instruments TPS54341_15 Datasheet HTML 33Page - Texas Instruments TPS54341_15 Datasheet HTML 34Page - Texas Instruments TPS54341_15 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
=
=
=
W
+
m
+
W
ENA
UVLO2
START
ENA
1
UVLO1
V
1.2 V
R
87.8 k
V
- V
5.75 V - 1.2 V
1.2
A
I
365 k
R
=
=
=
W
m
START
STOP
UVLO1
HYS
V
- V
5.75 V - 4.5 V
R
368 k
I
3.4
A
SS
SS
SS
REF
T
(ms)
I
(µA)
1.7 µA
C
(nF) =
3.5 ms
9.3 nF
V
(V)
0.8
(0.8 V
0.8 )
´
=
´
=
´
´
OUT
OUT
SS
SSavg
C
V
0.8
T
I
´
´
>
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
Slow-Start Capacitor
The slow-start capacitor determines the minimum amount of time it will take for the output voltage to reach its
nominal programmed value during power up. This is useful if a load requires a controlled voltage slew rate. This
is also used if the output capacitance is large and would require large amounts of current to quickly charge the
capacitor to the output voltage level. The large currents necessary to charge the capacitor may make the
TPS54341 device reach the current limit or excessive current draw from the input power supply may cause the
input voltage rail to sag. Limiting the output voltage slew rate solves both of these problems.
The slow-start time must be long enough to allow the regulator to charge the output capacitor up to the output
voltage without drawing excessive current. Equation 43 can be used to find the minimum slow-start time, TSS,
necessary to charge the output capacitor, COUT, from 10% to 90% of the output voltage, VOUT, with an average
slow-start current of ISSavg. In the example, to charge the effective output capacitance of 70 µF up to 3.3 V with
an average current of 1 A requires a 0.2-ms slow-start time.
Once the slow-start time is known, the slow-start capacitor value can be calculated using Equation 5. For the
example circuit, the slow-start time is not too critical because the output capacitor value is 100
μF which does not
require much current to charge to 3.3 V. The example circuit has the slow-start time set to an arbitrary value of
3.5 ms which requires a 9.3-nF slow-start capacitor calculated by Equation 44. For this design, the next larger
standard value of 10 nF is used.
(43)
(44)
Bootstrap Capacitor Selection
A 0.1-
μF ceramic capacitor must be connected between the BOOT and SW pins for proper operation. A ceramic
capacitor with X5R or better grade dielectric is recommended. The capacitor must have a 10 V or higher voltage
rating.
Undervoltage Lockout Set Point
The Undervoltage Lockout (UVLO) can be adjusted using an external voltage divider on the EN pin of the
TPS54341 device. The UVLO has two thresholds, one for power up when the input voltage is rising and one for
power down or brown outs when the input voltage is falling. For the example design, the supply should turn on
and start switching once the input voltage increases above 5.75 V (UVLO start). After the regulator starts
switching, it should continue to do so until the input voltage falls below 4.5 V (UVLO stop).
Programmable UVLO threshold voltages are set using the resistor divider of RUVLO1 and RUVLO2 between VIN and
ground connected to the EN pin. Equation 3 and Equation 4 calculate the resistance values necessary. For the
example application, a 365 k
Ω between Vin and EN (RUVLO1) and a 88.7 kΩ between EN and ground (RUVLO2)
are required to produce the 8-V and 6.25-V start and stop voltages.
(45)
(46)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com