Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 8Page - Texas Instruments TPS54341_15 Datasheet HTML 9Page - Texas Instruments TPS54341_15 Datasheet HTML 10Page - Texas Instruments TPS54341_15 Datasheet HTML 11Page - Texas Instruments TPS54341_15 Datasheet HTML 12Page - Texas Instruments TPS54341_15 Datasheet HTML 13Page - Texas Instruments TPS54341_15 Datasheet HTML 14Page - Texas Instruments TPS54341_15 Datasheet HTML 15Page - Texas Instruments TPS54341_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
OVERVIEW
The TPS54341 device is a 42-V 3.5-A, step-down (buck) regulator with an integrated high-side n-channel
MOSFET. The device implements constant-frequency current-mode control which reduces output capacitance
and simplifies external frequency compensation. The wide switching frequency range of 100 to 2500 kHz allows
for either efficiency or size optimization when selecting the output filter components. The switching frequency is
adjusted using a resistor to ground connected to the RT/CLK pin. The device has an internal phase-locked loop
(PLL) connected to the RT/CLK pin that synchronizes the power switch turn-on to a falling edge of an external
clock signal.
The TPS54341 device has a default input-startup voltage of 4.3 V typical. The EN pin adjusts the input-voltage
undervoltage-lockout (UVLO) threshold with two external resistors. An internal-pullup current source enables
operation when the EN pin is floating. The operating current is 152
μA under a no-load condition when not
switching. When the device is disabled, the supply current is 2
μA.
The integrated 87-m
Ω high-side MOSFET supports high-efficiency power-supply designs capable of delivering
3.5 A of continuous current to a load. The gate-drive bias voltage for the integrated high-side MOSFET is
supplied by a bootstrap capacitor connected from the BOOT to SW pins. The TPS54341 device reduces the
external component count by integrating the bootstrap recharge diode. The BOOT pin capacitor voltage is
monitored by a UVLO circuit which turns off the high-side MOSFET when the BOOT to SW voltage falls below a
preset threshold. An automatic BOOT capacitor recharge circuit allows the TPS54341 device to operate at high
duty cycles approaching 100%. Therefore, the maximum output voltage is near the minimum input supply voltage
of the application. The minimum output voltage is the internal 0.8-V feedback reference.
Output overvoltage transients are minimized by an Overvoltage Protection (OVP) comparator. When the OVP
comparator is activated, the high-side MOSFET turns off and remains off until the output voltage is less than
106% of the desired output voltage.
The SS/TR (soft-start/tracking) pin minimizes inrush currents or provides power-supply sequencing during power
up. A small value capacitor must be connected to the pin to adjust the soft-start time. A resistor divider can be
connected to the pin for critical power-supply sequencing requirements. The SS/TR pin is discharged before the
output powers up. This discharging ensures a repeatable restart after an overtemperature fault, UVLO fault, or a
disabled condition. When the overload condition is removed, the soft-start circuit controls the recovery from the
fault output level to the nominal regulation voltage. A frequency-foldback circuit reduces the switching frequency
during startup and overcurrent fault conditions to help maintain control of the inductor current.
DETAILED DESCRIPTION
Fixed Frequency PWM Control
The TPS54341 device uses fixed-frequency peak-current-mode control with adjustable switching frequency. The
output voltage is compared through external resistors connected to the FB pin to an internal voltage reference by
an error amplifier. An internal oscillator initiates the turn-on of the high-side power switch. The error amplifier
output at the COMP pin controls the high-side power switch current. When the high-side MOSFET switch current
reaches the threshold level set by the COMP voltage, the power switch turns off. The COMP pin voltage
increases and decreases as the output current increases and decreases. The device implements current limiting
by clamping the COMP pin voltage to a maximum level. The pulse skipping Eco-mode is implemented with a
minimum voltage clamp on the COMP pin.
Slope Compensation Output Current
The TPS54341 device adds a compensating ramp to the MOSFET switch current-sense signal. This slope
compensation prevents sub-harmonic oscillations at duty cycles greater than 50%. The peak current limit of the
high-side switch is not affected by the slope compensation and remains constant over the full duty-cycle range.
Pulse Skip Eco-mode
The TPS54341 device operates in a pulse-skipping Eco-mode at light load currents to improve efficiency by
reducing switching and gate drive losses. If the output voltage is within regulation and the peak switch current at
the end of any switching cycle is below the pulse skipping current threshold, the device enters Eco-mode. The
pulse-skipping current threshold is the peak switch-current level corresponding to a nominal COMP voltage of
600 mV.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com