Electronic Components Datasheet Search
  English  ▼

X  

TPS54341 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS54341
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS54341_15 Datasheet HTML 35Page - Texas Instruments TPS54341_15 Datasheet HTML 36Page - Texas Instruments TPS54341_15 Datasheet HTML 37Page - Texas Instruments TPS54341_15 Datasheet HTML 38Page - Texas Instruments TPS54341_15 Datasheet HTML 39Page - Texas Instruments TPS54341_15 Datasheet HTML 40Page - Texas Instruments TPS54341_15 Datasheet HTML 41Page - Texas Instruments TPS54341_15 Datasheet HTML 42Page - Texas Instruments TPS54341_15 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
BOOT
VIN
EN
RT/CLK
SW
GND
COMP
FB
Input
Bypass
Capacitor
UVLO
Adjust
Resistors
Frequency
Set Resistor
Compensation
Network
Resistor
Divider
Output
Inductor
Output
Capacitor
V
OUT
V
IN
Topside
Ground
Area
Catch
Diode
Route Boot Capacitor
Trace on another layer to
provide wide path for
topside ground
Thermal VIA
Signal VIA
SS/TR
PWRGD
Soft-Start
Capacitor
TPS54341
www.ti.com
SLVSC61 – NOVEMBER 2013
Layout
Layout is a critical portion of good power supply design. There are several signal paths that conduct fast
changing currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise
or degrade performance. To reduce parasitic effects, the VIN pin should be bypassed to ground with a low ESR
ceramic bypass capacitor with X5R or X7R dielectric. Care should be taken to minimize the loop area formed by
the bypass capacitor connections, the VIN pin, and the anode of the catch diode. See Figure 66 for a PCB layout
example. The GND pin should be tied directly to the power pad under the IC and the power pad.
The power pad should be connected to internal PCB ground planes using multiple vias directly under the IC. The
SW pin should be routed to the cathode of the catch diode and to the output inductor. Because the SW
connection is the switching node, the catch diode and output inductor should be located close to the SW pins,
and the area of the PCB conductor minimized to prevent excessive capacitive coupling. For operation at full rated
load, the top side ground area must provide adequate heat dissipating area. The RT/CLK pin is sensitive to noise
so the RT resistor should be located as close as possible to the IC and routed with minimal lengths of trace. The
additional external components can be placed approximately as shown. It may be possible to obtain acceptable
performance with alternate PCB layouts, however this layout has been shown to produce good results and is
meant as a guideline.
Figure 66. PCB Layout Example
Estimated Circuit Area
Boxing in the components in the design of Figure 46 the estimated printed circuit board area is 1.025 in2 (661
mm2). This area does not include test points or connectors.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TPS54341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com