Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 122Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 123Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 124Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 125Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 126Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 127Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 128Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 129Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
126
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
AIF3TX_LRCLK_I
NV
0
AIF3 Audio Interface TX path LRCLK
Invert
0 = AIF3TXLRCLK not inverted
1 = AIF3TXLRCLK inverted
1
AIF3TX_LRCLK_
FRC
0
AIF3 Audio Interface TX path LRCLK
Output Control
0 = Normal
1 = AIF3TXLRCLK always enabled in
Master mode
0
AIF3TX_LRCLK_
MSTR
0
AIF3 Audio Interface TX path LRCLK
Master Select
0 = AIF3TXLRCLK Slave mode
1 = AIF3TXLRCLK Master mode
R1410
(0582h)
AIF3 Rx
Pin Ctrl
2
AIF3RX_LRCLK_
INV
0
AIF3 Audio Interface LRCLK Invert
0 = AIF3RXLRCLK not inverted
1 = AIF3RXLRCLK inverted
1
AIF3RX_LRCLK_
FRC
0
AIF3 Audio Interface LRCLK Output
Control
0 = Normal
1 = AIF3RXLRCLK always enabled in
Master mode
0
AIF3RX_LRCLK_
MSTR
0
AIF3 Audio Interface LRCLK Master
Select
0 = AIF3RXLRCLK Slave mode
1 = AIF3RXLRCLK Master mode
Table 31 AIF3 Master / Slave Control
AIF SIGNAL PATH ENABLE
The AIF1 interface supports up to 8 input (RX) channels and up to 8 output (TX) channels. Each of
these channels can be enabled or disabled using the register bits defined in Table 32.
The AIF2 and AIF3 interfaces support up to 2 input (RX) channels and up to 2 output (TX) channels.
Each of these channels can be enabled or disabled using the register bits defined in Table 33 and
Table 34.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK may also be required, depending on the path configuration. See “Clocking and Sample
Rates” for details of the system clocks.
The WM5102 performs automatic checks to confirm that the SYSCLK and ASYNCCLK frequencies
are high enough to support the commanded signal paths and processing functions. If an attempt is
made to enable an AIF signal path, and there are insufficient SYSCLK or ASYNCCLK cycles to
support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active
will not be affected under these circumstances.)
The Underclocked Error conditions can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1305
(0519h)
AIF1 Tx
Enables
7
AIF1TX8_ENA
0
AIF1 Audio Interface TX Channel 8 Enable
0 = Disabled
1 = Enabled
6
AIF1TX7_ENA
0
AIF1 Audio Interface TX Channel 7 Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com