Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 169 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 169 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 165Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 166Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 167Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 168Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 169Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 170Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 171Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 172Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 173Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
169
OUTPUT SIGNAL PATH NOISE GATE CONTROL
The WM5102 provides a digital noise gate function for each of the output signal paths. The noise gate
ensures best noise performance when the signal path is idle. When the noise gate is enabled, and the
applicable signal level is below the noise gate threshold, then the noise gate is activated, causing the
signal path to be muted.
The noise gate function is enabled using the NGATE_ENA register, as described in Table 68.
For each output path, the noise gate may be associated with one or more of the signal path threshold
detection functions using the _NGATE_SRC register fields. When more than one signal threshold is
selected, then the output path noise gate is only activated (ie. muted) when all of the respective signal
thresholds are satisfied.
For example, if the OUT1L noise gate is associated with the OUT1L and OUT1R signal paths, then
the OUT1L signal path will only be muted if both the OUT1L and OUT1R signal levels are below the
respective thresholds.
The noise gate threshold (the signal level below which the noise gate is activated) is set using
NGATE_THR. Note that, for each output path, the noise gate threshold represents the signal level at
the respective output pin(s) - the threshold is therefore independent of the digital volume and PGA
gain settings.
Note that, although there is only one noise gate threshold level (NGATE_THR), each of the output
path noise gates may be activated independently, according to the respective signal content and the
associated threshold configuration(s).
To prevent erroneous triggering, a time delay is applied before the gate is activated; the noise gate is
only activated (ie. muted) when the output levels are below the applicable signal level threshold(s) for
longer than the noise gate ‘hold time’. The ‘hold time’ is set using the NGATE_HOLD register.
When the noise gate is activated, the WM5102 gradually attenuates the respective signal path at the
rate set by the OUT_VD_RAMP register (see Table 64). When the noise gate is de-activated, the
output volume increases at the rate set by the OUT_VI_RAMP register.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1043
(0413h)
Noise
Gate
Select 1L
11:0
OUT1L_NGATE_
SRC [11:0]
001h
Output Signal Path Noise Gate Source
Enables one of more signal paths as
inputs to the respective noise gate.
If more than one signal path is enabled as
an input, the noise gate is only activated
(ie. muted) when all of the respective
signal thresholds are satisfied.
[11] = Reserved
[10] = Reserved
[9] = OUT5R
[8] = OUT5L
[7] = OUT4R
[6] = OUT4L
[5] = Reserved
[4] = OUT3
[3] = OUT2R
[2] = OUT2L
[1] = OUT1R
[0] = OUT1L
Each bit is coded as:
0 = Disabled
R1047
(0417h)
Noise
Gate
Select 1R
11:0
OUT1R_NGATE_
SRC [11:0]
002h
R1051
(041Bh)
Noise
Gate
Select 2L
11:0
OUT2L_NGATE_
SRC [11:0]
004h
R1055
(041Fh)
Noise
Gate
Select 2R
11:0
OUT2R_NGATE_
SRC [11:0]
008h
R1059
(0423h)
Noise
Gate
Select 3L
11:0
OUT3_NGATE_S
RC [11:0]
010h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com