Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 172 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 172 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 168Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 169Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 170Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 171Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 172Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 173Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 174Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 175Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
172
HEADPHONE/EARPIECE OUTPUTS AND MONO MODE
The headphone drivers can provide a mono differential (BTL) output; this is ideal for driving an
earpiece or hearing aid coil. The mono differential (BTL) configuration is selected using the
OUTn_MONO register bits. When the OUTn_MONO bit is set, then the respective Right channel
output is an inverted copy of the Left channel output signal; this creates a differential output between
the respective OUTnL and OUTnR pins.
In mono configuration, the effective gain of the signal path is increased by 6dB.
The mono (BTL) signal paths are illustrated in Figure 56.
The OUT1L and OUT1R output signal paths are associated with the analogue outputs HPOUT1L and
HPOUT1R respectively.
The OUT2L and OUT2R output signal paths are associated with the analogue outputs HPOUT2L and
HPOUT2R respectively.
The OUT3 output signal path is associated with the analogue outputs EPOUTP and EPOUTN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040
(0410h)
Output
Path
Config 1L
12
OUT1_MONO
0
Output Path 1 Mono Mode
(Configures HPOUT1L and HPOUT1R as
a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by
6dB in differential (mono) mode.
R1048
(0418h)
Output
Path
Config 2L
12
OUT2_MONO
0
Output Path 2 Mono Mode
(Configures HPOUT2L and HPOUT2R as
a mono differential output.)
0 = Disabled
1 = Enabled
The gain of the signal path is increased by
6dB in differential (mono) mode.
Table 70 Headphone Driver Mono Mode Control
The headphone driver outputs HPOUT1L, HPOUT1R, HPOUT2L and HPOUT2R are suitable for
direct connection to external headphones and earpieces. The outputs are ground-referenced,
eliminating any requirement for AC coupling capacitors.
The headphone outputs incorporate a common mode, or ground loop, feedback path which provides
rejection of system-related ground noise. The feedback pins must be connected to ground for normal
operation of the headphone outputs.
Note that the feedback pins should be connected to GND close to the respective headphone jack, as
illustrated in Figure 57. In mono (differential) mode, the feedback pin(s) should be connected to the
ground plane that is physically closest to the earpiece output PCB tracks.
The ground feedback path for HPOUT1L and HPOUT1R is provided via the HPOUT1FB1 or
HPOUT1FB2 pins; the applicable connection must be selected using the ACCDET_SRC register, as
described in Table 71.
The ground feedback path for HPOUT2L and HPOUT2R is provided via the HPOUT2FB pin. No
register configuration is required for the HPOUT2FB connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com