Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 171Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 172Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 173Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 174Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 175Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 177Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 178Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 179Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
175
Figure 59 Digital Speaker (PDM) Interface Timing
Clocking for the PDM interface is derived from SYSCLK. Note that the SYSCLK_ENA register must
also be set. See “Clocking and Sample Rates” for further details of the system clocks and control
registers.
When the OUT5L or OUT5R output signal path is enabled, the PDM interface clock signal is output on
the SPKCLK pin.
The output signal paths support normal and high performance operating modes, as described in the
“Output Signal Path” section. The SPKCLK frequency is set according to the operating mode of the
relevant output path, as described in Table 72.
Note that the SPKCLK frequencies noted in Table 72 assume that the SYSCLK frequency is a
multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz
(SYSCLK_FRAC=1), then the SPKCLK frequency will be scaled accordingly.
OUT5_OSR
DESCRIPTION
SPKCLK FREQUENCY
0
Normal mode
3.072MHz
1
High Performance mode
6.144MHz
Table 72 SPKCLK Frequency
The PDM output channels can be independently muted. When muted, the default output on each
channel is a DSD-compliant silent stream (0110_1001b). The mute output code can be programmed
to other values if required, using the SPK1_MUTE_SEQ register field. The mute output code can be
transmitted MSB-first or LSB-first; this is selectable using the SPK1_MUTE_ENDIAN register.
Note that the PDM Mute function is not a soft-mute; the audio output is interrupted immediately when
the PDM mute is asserted. It is recommended to use the Output Signal Path mute function before
applying the PDM mute. See Table 64 for details of the OUT5L_MUTE and OUT5R_MUTE registers.
The PDM output interface registers are described in Table 73.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com