Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 174Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 175Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 177Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 178Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 179Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 180Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 181Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
178
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R723
(02D3h)
Jack detect
analogue
0
JD1_ENA
0
JACKDET enable
0 = Disabled
1 = Enabled
R3413
(0D55h)
AOD IRQ
Raw Status
0
JD1_STS
0
JACKDET input status
0 = Jack not detected
1 = Jack is detected
(Assumes the JACKDET pin is
pulled ‘low’ on Jack insertion.)
R3414
(0D56h)
Jack detect
debounce
0
JD1_DB
0
JACKDET input de-bounce
0 = Disabled
1 = Enabled
Table 74 Jack Detect Control
A recommended connection circuit, including headphone output on HPOUT1 and microphone
connections, is shown in Figure 61. See “Applications Information” for details of recommended
external components.
Figure 61 Jack Detect and External Accessory Connections
The internal comparator circuit used to detect the JACKDET status is illustrated in Figure 62.
The threshold voltages for the jack detect circuit are noted in the “Electrical Characteristics”. Note that
separate thresholds are defined for jack insertion and jack removal.
Figure 62 Jack Detect Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com