Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 177Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 178Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 179Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 180Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 181Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 182Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 183Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
180
The control registers associated with the MICDET Clamp function are described in Table 75.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R674
(02A2h)
Micd Clamp
control
3:0
MICD_CLAMP_M
ODE [3:0]
0000
MICDET Clamp Mode
0h = Disabled
1h = Active (MICDET1 and MICDET2
are shorted to GND)
2h = Reserved
3h = Reserved
4h = Active when JD1=0
5h = Active when JD1=1
6h = Active when GP5=0
7h = Active when GP5=1
8h = Active when JD1=0 or GP5=0
9h = Active when JD1=0 or GP5=1
Ah = Active when JD1=1 or GP5=0
Bh = Active when JD1=1 or GP5=1
Ch = Active when JD1=0 and GP5=0
Dh = Active when JD1=0 and GP5=1
Eh = Active when JD1=1 and GP5=0
Fh = Active when JD1=1 and GP5=1
R3413
(0D55h)
AOD IRQ
Raw Status
3
MICD_CLAMP_S
TS
0
MICDET Clamp status
0 = Clamp not active
1 = Clamp active
Note that the MICDET Clamp is
effective on MICDET1 and MICDET2,
regardless of the ACCDET_SRC
register bit.
R3414
(0D56h)
Jack detect
debounce
3
MICD_CLAMP_D
B
0
MICDET Clamp de-bounce
0 = Disabled
1 = Enabled
Table 75 MICDET Clamp Control
MICROPHONE DETECT
The WM5102 microphone detection circuit measures the impedance of an external load connected to
one of the MICDET pins. This feature can be used to detect the presence of a microphone, and the
status of the associated hookswitch. It can also be used to detect push-button status or the
connection of other external accessories.
The microphone detection circuit measures the impedance connected to MICDET1 or MICDET2, and
reports whether the measured impedance lies within one of 8 pre-defined levels (including the ‘no
accessory detected’ level). This means it can detect the presence of a typical microphone and up to 6
push-buttons. One of the impedance levels is specifically designed to detect a video accessory
(typical 75Ω) load if required.
The microphone detection circuit typically uses one of the MICBIAS outputs as a reference. The
WM5102 will automatically enable the appropriate MICBIAS when required in order to perform the
detection function; this allows the detection function to be supported in low-power standby operating
conditions.
Note that the MICVDD power domain must be enabled when using the microphone detection function.
This power domain is provided using an internal Charge Pump (CP2) and LDO Regulator (LDO2).
See “Charge Pumps, Regulators and Voltage Reference” for details of these circuits.
To select microphone detection on one of the MICDET pins, the ACCDET_MODE register must be set
to 00. The ACCDET_MODE register is defined in Table 76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com