Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 183 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 183 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 179Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 180Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 181Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 182Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 183Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 184Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 185Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 186Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 187Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
183
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R676
(02A4h)
Mic Detect 2
7:0
MICD_LVL_SEL
[7:0]
1001_
1111
Mic Detect Level Select
(enables Mic/Accessory Detection in
specific impedance ranges)
[7] = Enable >475 ohm detection
[6] = Not used - must be set to 0
[5] = Not used - must be set to 0
[4] = Enable 375 ohm detection
[3] = Enable 155 ohm detection
[2] = Enable 73 ohm detection
[1] = Enable 40 ohm detection
[0] = Enable 18 ohm detection
Note that the impedance values quoted
assume that a microphone (475ohm-
30kohm) is also present on the MICDET
pin.
R677
(02A5h)
Mic Detect 3
10:2
MICD_LVL [8:0]
0_0000_
0000
Mic Detect Level
(indicates the measured impedance)
[8] = >475 ohm, <30k ohm
[7] = Not used
[6] = Not used
[5] = 375 ohm
[4] = 155 ohm
[3] = 73 ohm
[2] = 40 ohm
[1] = 18 ohm
[0] = <3 ohm
Note that the impedance values quoted
assume that a microphone (475ohm-
30kohm) is also present on the MICDET
pin.
1
MICD_VALID
0
Mic Detect Data Valid
0 = Not Valid
1 = Valid
0
MICD_STS
0
Mic Detect Status
0 = No Mic/Accessory present
(impedance is >30k ohm)
1 = Mic/Accessory is present (impedance
is <30k ohm)
Table 76 Microphone Detect Control
The external connections for the Microphone Detect circuit are illustrated in Figure 64. In typical
applications, it can be used to detect a microphone or button press.
Note that, when using the Microphone Detect circuit, it is recommended to use one of the Right
channel analogue microphone input paths, to ensure best immunity to electrical transients arising from
the external accessory.
The voltage reference for the microphone detection is configured using the MICD_BIAS_SRC register,
as described in Table 76. The microphone detection function will automatically enable the applicable
reference when required for MICDET impedance measurement.
If the selected reference (MICBIAS1, MICBIAS2 or MICBIAS3) is not already enabled (ie. if
MICBn_ENA = 0, where n is 1, 2 or 3 as appropriate), then the applicable MICBIAS source will be
enabled for short periods of time only, every time the impedance measurement is scheduled. To allow
time for the MICBIAS source to start-up, a time delay is applied before the measurement is performed;
this is configured using the MICD_BIAS_STARTTIME register, as described in Table 76.
The MICD_BIAS_STARTTIME register should be set to 16ms or more if MICBn_RATE = 1 (pop-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com