Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 187 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 187 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 183Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 184Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 185Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 186Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 187Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 188Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 190Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
187
The headphone detection function can also generate a GPIO output, providing an external indication
of the headphone detection. See “General Purpose Input / Output” to configure a GPIO pin for this
function.
The register fields associated with Headphone Detection are described in Table 79. The external
circuit configuration is illustrated in Figure 66.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R549
(0225h)
HP Ctrl 1L
14
RMV_SHRT_HP1
L
0
HPOUT1L Ground Clamp
0 = Enabled
1 = Disabled
This bit must be set to 1 when the
Headphone Detection function is
enabled on HPOUT1L.
This bit is configured automatically when
HPOUT1L is enabled or disabled.
R550
(0226h)
HP Ctrl 1R
14
RMV_SHRT_HP1
R
0
HPOUT1R Ground Clamp
0 = Enabled
1 = Disabled
This bit must be set to 1 when the
Headphone Detection function is
enabled on HPOUT1R.
This bit is configured automatically when
HPOUT1R is enabled or disabled.
R659
(0293h)
Accessory
Detect
Mode 1
1:0
ACCDET_MODE
[1:0]
00
Accessory Detect Mode Select
00 = MICDET measurement
01 = HPDETL measurement
10 = HPDETR measurement
11 = MICDET
Note that the MICDET function is
provided on the MICDET1 or MICDET2
pins, depending on the ACCDET_SRC
register bit.
R667
(029Bh)
Headphone
Detect 1
10:9
HP_IMPEDANCE
_RANGE [1:0]
00
Headphone Detect Range
00 = 4 ohms to 80 ohms
01 = 70 ohms to 1k ohms
10 = 1k ohms to 10k ohms
11 = Reserved
7:5
HP_HOLDTIME
[2:0]
001
Headphone Detect Hold Time
(Selects the hold time between ramp up
and ramp down of the headphone detect
current source.)
000 = 31.25us
001 = 125us
010 = 500us
011 = 2ms
100 = 8ms
101 = 16ms
110 = 24ms
111 = 32ms
1
HP_RATE
0
Headphone Detect Ramp Rate
0 = Normal rate
1 = Fast rate
0
HP_POLL
0
Headphone Detect Enable
Write 1 to start HP Detect function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com