Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 190 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 190 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 186Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 187Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 188Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 190Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 193Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 194Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
190
REGISTER
ADDRESS
LABEL
REFERENCE
66h
WSEQ_MICD_CLAMP_RISE_IND
EX
See “Control Write Sequencer”
67h
WSEQ_MICD_CLAMP_FALL_IND
EX
68h
WSEQ_GP5_RISE_INDEX
69h
WSEQ_GP5_FALL_INDEX
6Ah
WSEQ_JD1_RISE_INDEX
6Bh
WSEQ_JD1_FALL_INDEX
100h
CLK_32K_ENA
See “Clocking and Sample Rates”
CLK_32K_SRC
210h
LDO1_VSEL
See “Charge Pumps, Regulators and
Voltage Reference”
LDO1_DISCH
LDO1_BYPASS
LDO1_ENA
02A2h
MICD_CLAMP_MODE
See “External Accessory Detection”
02D3h
JD1_ENA
See “External Accessory Detection”
0C04h
GP5_DIR
See “General Purpose Input / Output”
GP5_PU
GP5_PD
GP5_POL
GP5_OP_CFG
GP5_DB
GP5_LVL
GP5_FN
0C0Fh
IRQ_POL
See “Interrupts”
IRQ_OP_CFG
0C10h
GP_DBTIME
See “General Purpose Input / Output”
0C20h
LDO1ENA_PD
See “Charge Pumps, Regulators and
Voltage Reference”
MCLK2_PD
See “Clocking and Sample Rates”
RESET_PU
See “Software Reset, Wake-Up, and Device
ID”
0D0Fh
IM_IRQ1
See “Interrupts”
0D1Fh
IM_IRQ2
0D50h
MICD_CLAMP_FALL_TRIG_STS
See Table 82
MICD_CLAMP_RISE_TRIG_STS
GP5_FALL_TRIG_STS
GP5_RISE_TRIG_STS
JD1_FALL_TRIG_STS
JD1_RISE_TRIG_STS
0D51h
MICD_CLAMP_FALL_EINT1
See “Interrupts”
MICD_CLAMP_RISE_EINT1
GP5_FALL_EINT1
GP5_RISE_EINT1
JD1_FALL_EINT1
JD1_RISE_EINT1
0D52h
MICD_CLAMP_FALL_EINT2
See “Interrupts”
MICD_CLAMP_RISE_EINT2
GP5_FALL_EINT2
GP5_RISE_EINT2
JD1_FALL_EINT2
JD1_RISE_EINT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com