Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 193 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 193 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 190Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 193Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 194Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 195Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
193
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3408
(0D50h)
AOD wkup
and trig
7
MICD_CLAMP_FALL_T
RIG_STS
0
MICDET Clamp Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
6
MICD_CLAMP_RISE_T
RIG_STS
0
MICDET Clamp Trigger Status
(Rising edge triggered)
Note: Cleared when a ‘1’ is written
5
GP5_FALL_TRIG_STS
0
GP5 Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
4
GP5_RISE_TRIG_STS
0
GP5 Trigger Status
(Rising edge triggered)
Note: Cleared when a ‘1’ is written
3
JD1_FALL_TRIG_STS
0
JD1 Trigger Status
(Falling edge triggered)
Note: Cleared when a ‘1’ is written
2
JD1_RISE_TRIG_STS
0
JD1 Trigger Status
(Rising edge triggered)
Note: Cleared when a ‘1’ is written
Table 82 JD1, GP5 and MICDET Clamp Trigger Status Registers
Note that the de-bounce function on all inputs (including JD1, GP5 and MICDET Clamp status) use
the 32kHz clock (see “Clocking and Sample Rates”). The 32kHz clock must be enabled whenever
input de-bounce functions are required.
Note that the MCLK2 input pin is on the ‘Always-On’ domain, and is supported in Sleep mode.
(MCLK1 input is not supported in Sleep mode.)
If input de-bounce is enabled in Sleep mode, the 32kHz clock must use MCLK2 (direct) input as its
source (CLK_32K_SRC = 01).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com