Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 196 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 196 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 193Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 194Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 195Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 198Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
196
GENERAL PURPOSE INPUT / OUTPUT
The WM5102 provides a number of GPIO functions to enable interfacing and detection of external
hardware and to provide logic outputs to other devices. The GPIO input functions can be used to
generate an Interrupt (IRQ) event. The GPIO and Interrupt circuits support the following functions:
Digital audio interface function (AIFnTXLRCLK)
Logic input / Button detect (GPIO input)
Logic ‘1’ and logic ‘0’ output (GPIO output)
Interrupt (IRQ) status output
DSP Status Flag (DSP IRQn) and RAM status output
Clock output
Frequency Locked Loop (FLL) status output
Frequency Locked Loop (FLL) Clock output
Pulse Width Modulation (PWM) Signal output
Headphone Detection status output
Microphone / Accessory Detection status output
Asynchronous Sample Rate Converter (ASRC) Lock status and Configuration Error output
Control Write Sequencer status output
Over-Temperature status output
Dynamic Range Control (DRC) status output
Control Interface Error status output
Clocking Error status output
Digital audio interface Configuration Error status output
Note that the GPIO pins are referenced to different power domains (DBVDD1, DBVDD2 or DBVDD3),
as noted in the “Pin Description” section.
In addition to the functions described in this section, the GPIO5 pin can be configured as an input to
the Control Write Sequencer (see “Control Write Sequencer”). See also Table 84 for details of the
associated register control fields.
The GPIO5 pin is one of the ‘Always On’ digital input / output pins and can be used as a ‘Wake-Up’
input in the low-power ‘Sleep’ mode. The GPIO5 pin can also be used as an input to the MICDET
Clamp function, supporting additional functionality relating to jack insertion or jack removal events See
“Low Power Sleep Configuration” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com