Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 199 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 199 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 195Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 198Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
199
GPIO FUNCTION SELECT
The available GPIO functions for GPIO pins 1, 2, 3 and 4 are described in Table 86. A subset of these
functions is available for GPIO5, as described in Table 87.
The function of each GPIO is set using the GPn_FN register, where n identifies the GPIO pin (1, 2, 3,
4 or 5). Note that the respective GPn_DIR must also be set according to whether the function is an
input or output.
GPn_FN
DESCRIPTION
COMMENTS
00h
GPIO1 - AIF1TXLRCLK
GPIO2 - AIF2TXLRCLK
GPIO3 - AIF3TXLRCLK
GPIO4 - Reserved
Alternate Audio Interface connections for AIF1, AIF2 and
AIF3
01h
Button detect input / Logic
level output
GPn_DIR = 0: GPIO pin logic level is set by GPn_LVL.
GPn_DIR = 1: Button detect or logic level input.
02h
IRQ1 Output
Interrupt (IRQ1) output
0 = IRQ1 not asserted
1 = IRQ1 asserted
03h
IRQ2 Output
Interrupt (IRQ2) output
0 = IRQ2 not asserted
1 = IRQ2 asserted
04h
OPCLK Clock Output
Configurable clock output derived from SYSCLK
05h
FLL1 Clock
Clock output from FLL1
06h
FLL2 Clock
Clock output from FLL2
07h
Reserved
08h
PWM1 Output
Configurable Pulse Width Modulation output PWM1
09h
PWM2 Output
Configurable Pulse Width Modulation output PWM2
0Ah
SYSCLK Underclocked
Error
Indicates that an unsupported clocking configuration has
been attempted
0 = Normal
1 = SYSCLK underclocking error
0Bh
ASYNCCLK
Underclocked Error
Indicates that an unsupported clocking configuration has
been attempted
0 = Normal
1 = ASYNCCLK underclocking error
0Ch
FLL1 Lock
Indicates FLL1 Lock status
0 = Not locked
1 = Locked
0Dh
FLL2 Lock
Indicates FLL2 Lock status
0 = Not locked
1 = Locked
0Eh
Reserved
0Fh
FLL1 Clock OK
Indicates FLL1 Clock OK status
0 = FLL1 Clock output is not active
1 = FLL1 Clock output is active
10h
FLL2 Clock OK
Indicates FLL2 Clock OK status
0 = FLL2 Clock output is not active
1 = FLL2 Clock output is active
11h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com