Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 198Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
200
GPn_FN
DESCRIPTION
COMMENTS
12h
Headphone detect
Indicates Headphone Detection status
0 = Headphone Detect not complete
1 = Headphone Detect complete
13h
Microphone detect
Microphone Detect (MICDET accessory) IRQ output
A single 31
s pulse is output whenever an accessory
insertion, removal or impedance change is detected.
14h
Reserved
15h
Write Sequencer status
Indicates Write Sequencer status
A short pulse is output when the Write Sequencer has
completed all scheduled sequences.
16h
Control Interface Address
Error
Indicates Control Interface Address error
0 = Normal
1 = Control Interface Address error
17h
Reserved
18h
Reserved
19h
Reserved
1Ah
ASRC1 Lock
Indicates ASRC1 Lock status
0 = Not locked
1 = Locked
1Bh
ASRC2 Lock
Indicates ASRC2 Lock status
0 = Not locked
1 = Locked
1Ch
ASRC Configuration Error
Indicates ASRC configuration error
0 = ASRC configuration OK
1 = ASRC configuration error
1Dh
DRC1 Signal Detect
Indicates DRC1 Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
1Eh
DRC1 Anti-Clip Active
Indicates DRC1 Anti-Clip status
0 = Anti-Clip is not active
1 = Anti-Clip is active
1Fh
DRC1 Decay Active
Indicates DRC1 Decay status
0 = Decay is not active
1 = Decay is active
20h
DRC1 Noise Gate Active
Indicates DRC1 Noise Gate status
0 = Noise Gate is not active
1 = Noise Gate is active
21h
DRC1 Quick Release
Active
Indicates DRC1 Quick Release status
0 = Quick Release is not active
1 = Quick Release is active
22h
Reserved
23h
Reserved
24h
Reserved
25h
Reserved
26h
Reserved
27h
Mixer Dropped Sample
Error
Indicates a dropped sample in the digital core mixers
0 = Normal
1 = Mixer dropped sample error
28h
AIF1 Configuration Error
Indicates AIF1 configuration error
0 = AIF1 configuration OK
1 = AIF1 configuration error
29h
AIF2 Configuration Error
Indicates AIF2 configuration error
0 = AIF2 configuration OK
1 = AIF2 configuration error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com