Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 203 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 203 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 206Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
203
BUTTON DETECT (GPIO INPUT)
GPn_FN = 01h.
Button detect functionality can be selected on any GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”. The same functionality can be used to support a Jack Detect input
function.
It is recommended to enable the GPIO input de-bounce feature when using GPIOs as button input or
Jack Detect input.
The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable
de-bounce controls. Note that GPn_LVL is not affected by the GPn_POL bit.
The de-bounced GPIO signals are also inputs to the Interrupt control circuit. An interrupt event is
triggered on the rising and falling edges of the GPIO input. The associated interrupt bits are latched
once set; it can be polled at any time or used to control the IRQ signal. See “Interrupts” for more
details of the Interrupt event handling.
LOGIC ‘1’ AND LOGIC ‘0’ OUTPUT (GPIO OUTPUT)
GPn_FN = 01h.
The WM5102 can be programmed to drive a logic high or logic low level on any GPIO pin by selecting
the “GPIO Output” function as described in “GPIO Control”.
The output logic level is selected using the respective GPn_LVL bit. Note that the GPn_LVL registers
are ‘write only’ when the respective GPIO pin is configured as an output.
The polarity of the GPIO output can be inverted using the GPn_POL registers. If GPn_POL=1, then
the external output will be the opposite logic level to GPn_LVL.
INTERRUPT (IRQ) STATUS OUTPUT
GPn_FN = 02h, 03h.
The WM5102 has an Interrupt Controller which can be used to indicate when any selected Interrupt
events occur. An interrupt can be generated by any of the events described throughout the GPIO
function definition above. Individual interrupts may be masked in order to configure the Interrupt as
required. See “Interrupts” for further details.
The Interrupt Controller supports two separate Interrupt Request (IRQ) outputs. The IRQ1 or IRQ2
status may be output directly on any GPIO pin by setting the respective GPIO registers as described
in “GPIO Control”.
Note that the IRQ1 status is output on the IRQ
¯¯¯ pin at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com