Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 205 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 205 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 206Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 208Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 209Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
205
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
OPCLK_SEL [2:0]
000
OPCLK Source Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related SYSCLK rates only (ie.
SAMPLE_RATE_n = 01XXX).
The OPCLK Source Frequency must be
less than or equal to the SYSCLK
frequency.
R330
(014Ah)
Output
async clock
15
OPCLK_ASYNC_
ENA
0
OPCLK_ASYNC Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_ASYNC_
DIV [4:0]
00h
OPCLK_ASYNC Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
1Fh = Divide by 31
2:0
OPCLK_ASYNC_
SEL [2:0]
000
OPCLK_ASYNC Source Frequency
000 = 6.144MHz (5.6448MHz)
001 = 12.288MHz (11.2896MHz)
010 = 24.576MHz (22.5792MHz)
011 = 49.152MHz (45.1584MHz)
All other codes are Reserved
The frequencies in brackets apply for
44.1kHz-related ASYNCCLK rates only
(ie. ASYNC_SAMPLE_RATE_n =
01XXX).
The OPCLK_ASYNC Source Frequency
must be less than or equal to the
ASYNCCLK frequency.
Table 89 OPCLK and OPCLK_ASYNC Control
FREQUENCY LOCKED LOOP (FLL) STATUS OUTPUT
GPn_FN = 0Ch, 0Dh, 0Fh, 10h.
The WM5102 supports FLL status flags, which may be used to control other events. See “Clocking
and Sample Rates” for more details of the FLL.
The ‘FLL Clock OK’ signals indicate that the respective FLL has started up and is providing an output
clock. The ‘FLL Lock’ signals indicate whether FLL Lock has been achieved.
The FLL Clock OK and FLL Lock signals may be output directly on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
The FLL Clock OK and FLL Lock signals are inputs to the Interrupt Controller circuit. An interrupt
event is triggered on the rising and falling edges of these signals. The associated interrupt bits are
latched once set; they can be polled at any time or used to control the IRQ signal. See “Interrupts” for
more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com