Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 206 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 206 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 206Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 208Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 209Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 210Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
206
FREQUENCY LOCKED LOOP (FLL) CLOCK OUTPUT
GPn_FN = 05h, 06h.
Clock outputs derived from the FLLs may be output on any GPIO pin. The GPIO output from each
FLLn (where ‘n’ is 1 or 2) is controlled by the respective FLLn_GPCLK_DIV and FLLn_GPCLK_ENA
registers, as described in Table 90.
It is recommended to disable the clock output (FLLn_GPCLK_ENA=0) before making any change to
the respective FLLn_GPCLK_DIV register.
Note that the FLLn_GPCLK_DIV and FLLn_GPCLK_ENA registers affect the GPIO outputs only; they
do not affect the FLL frequency. The maximum output frequency supported for GPIO output is noted
in the “Electrical Characteristics”.
The Frequency Locked Loop (FLL) Clock outputs may be output directly on any GPIO pin by setting
the respective GPIO registers as described in “GPIO Control”.
See “Clocking and Sample Rates” for more details of the WM5102 system clocking and for details of
how to configure the FLLs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R394
(018Ah)
FLL1 GPIO
Clock
7:1
FLL1_GPCLK_DI
V [6:0]
02h
FLL1 GPIO Clock Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL1_GPCLK_DIV)
0
FLL1_GPCLK_EN
A
0
FLL1 GPIO Clock Enable
0 = Disabled
1 = Enabled
R426
(01AAh)
FLL2 GPIO
Clock
7:1
FLL2_GPCLK_DI
V [6:0]
02h
FLL2 GPIO Clock Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
7Fh = Divide by 127
(FGPIO = FVCO / FLL2_GPCLK_DIV)
0
FLL2_GPCLK_EN
A
0
FLL2 GPIO Clock Enable
0 = Disabled
1 = Enabled
Table 90 FLL Clock Output Control
PULSE WIDTH MODULATION (PWM) SIGNAL OUTPUT
GPn_FN = 08h, 09h.
The WM5102 incorporates two Pulse Width Modulation (PWM) signal generators which can be
enabled as GPIO outputs. The duty cycle of each PWM signal can be modulated by an audio source,
or can be set to a fixed value using a control register setting.
The Pulse Width Modulation (PWM) outputs may be output directly on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
See “Digital Core” for details of how to configure the PWM signal generators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com