Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 207 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 207 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 206Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 208Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 209Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 210Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 211Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
207
HEADPHONE DETECTION STATUS OUTPUT
GPn_FN = 12h.
The WM5102 provides a headphone detection circuit on the HPDETL and HPDETR pins to measure
the impedance of an external load connected to the headphone outputs. See “External Accessory
Detection” for further details.
A logic signal from the headphone detection circuit may be output directly on any GPIO pin by setting
the respective GPIO registers as described in “GPIO Control”. This logic signal is set low when a
Headphone Detect measurement is triggered, and is set high when the Headphone Detect function
has completed. A rising edge indicates completion of a Headphone Detect measurement.
The headphone detection circuit is also an input to the Interrupt control circuit. An interrupt event is
triggered whenever a headphone detection measurement has completed. Note that the HPDET_EINT
flag is also asserted when the headphone detection is initiated. The associated interrupt bit is latched
once set; it can be polled at any time or used to control the IRQ signal. See “Interrupts” for more
details of the Interrupt event handling.
MICROPHONE / ACCESSORY DETECTION STATUS OUTPUT
GPn_FN = 13h.
The WM5102 provides an impedance measurement circuit on the MICDETn pins to detect the
connection of a microphone or other external accessory. See “External Accessory Detection” for
further details.
A logic signal from the microphone detect circuit may be output directly on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. This logic signal is set high for a pulse
duration of 31
s whenever an accessory insertion, removal or impedance change is detected.
The microphone detection circuit is also an input to the Interrupt control circuit. An interrupt event is
triggered whenever an accessory insertion, removal or impedance change is detected. The
associated interrupt bit is latched once set; it can be polled at any time or used to control the IRQ
signal. See “Interrupts” for more details of the Interrupt event handling.
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC) LOCK STATUS OUTPUT
GPn_FN = 1Ah, 1Bh.
The WM5102 maintains a flag indicating the lock status of the Asynchronous Sample Rate Converters
(ASRCs), which may be used to control other events if required. See “Digital Core” for more details of
the ASRCs.
The ASRC Lock signals may be output directly on any GPIO pin by setting the respective GPIO
registers as described in “GPIO Control”.
The ASRC Lock signals are inputs to the Interrupt control circuit. An interrupt event is triggered on the
rising and falling edges of the ASRC Lock signals. The associated interrupt bits are latched once set;
they can be polled at any time or used to control the IRQ signal. See “Interrupts” for more details of
the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com