Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 211 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 211 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 208Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 209Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 210Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 211Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 212Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 213Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 214Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 215Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
211
DIGITAL AUDIO INTERFACE CONFIGURATION ERROR STATUS OUTPUT
GPn_FN = 28h, 29h, 2Ah.
The WM5102 performs automatic checks to confirm that AIF1, AIF2 and AIF3 are configured with
valid settings. Invalid settings include conditions where one or more audio channel timeslots are in
conflict.
If an invalid AIF1, AIF2 or AIF3 configuration is detected, this can be indicated using the GPIO and/or
Interrupt functions.
The AIF Configuration Error signals may be output directly on any GPIO pin by setting the respective
GPIO registers as described in “GPIO Control”.
The AIF Configuration Error signals are an input to the Interrupt Controller circuit. An interrupt event is
triggered on the rising and falling edges of the AIF Configuration Error signal. The associated interrupt
bit is latched once set; it can be polled at any time or used to control the IRQ signal. See “Interrupts”
for more details of the Interrupt event handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com