Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 204 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 204 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 206Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 207Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 208Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
204
DSP STATUS FLAG (DSP IRQn) OUTPUT
GPn_FN = 35h, 36h, 45h.
The WM5102 supports two DSP Status flags as outputs from the DSP block. These are configurable
within the DSP to provide external indication of the required function(s). A status flag indicating the
DSP1 RAM status is also supported. See “Digital Core” for more details of the DSP.
The DSP Status and DSP RAM Ready flags may be output directly on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”. The DSP Status and DSP RAM Ready
outputs are described in Table 88.
The DSP Status flags are inputs to the Interrupt Controller circuit. An interrupt event is triggered on
the rising edge of the DSP Status (DSP_IRQn) flags or DSP RAM Ready flags. The associated
interrupt bits are latched once set; they can be polled at any time or used to control the IRQ signal.
See “Interrupts” for more details of the Interrupt event handling.
GPN_FN
DESCRIPTION
COMMENTS
35h
DSP Status (DSP_IRQ1)
External indication of DSP_IRQ1_STS
36h
DSP Status (DSP_IRQ2)
External indication of DSP_IRQ2_STS
45h
DSP1 RAM Ready
Indicates DSP1 RAM Ready status
Table 88 DSP Status and RAM Ready Indications
OPCLK AND OPCLK_ASYNC CLOCK OUTPUT
GPn_FN = 04h, 3Dh.
A clock output (OPCLK) derived from SYSCLK can be output on any GPIO pin. The OPCLK
frequency is controlled by OPCLK_DIV and OPCLK_SEL. The OPCLK output is enabled using the
OPCLK_ENA register, as described in Table 89.
A clock output (OPCLK_ASYNC) derived from ASYNCCLK can be output on any GPIO pin. The
OPCLK_ASYNC frequency is controlled by OPCLK_ASYNC_DIV and OPCLK_ASYNC_SEL. The
OPCLK_ASYNC output is enabled using the OPCLK_ASYNC_ENA register
It is recommended to disable the clock output (OPCLK_ENA=0 or OPCLK_ASYNC_ENA=0) before
making any change to the respective OPCLK_DIV, OPCLK_SEL, OPCLK_ASYNC_DIV or
OPCLK_ASYNC_SEL registers.
The OPCLK or OPCLK_ASYNC Clock outputs can be output directly on any GPIO pin by setting the
respective GPIO registers as described in “GPIO Control”.
Note that the OPCLK source frequency cannot be higher than the SYSCLK frequency. The
OPCLK_ASYNC source frequency cannot be higher than the ASYNCCLK frequency. The maximum
output frequency supported for GPIO output is noted in the “Electrical Characteristics”.
See “Clocking and Sample Rates” for more details of the system clocks (SYSCLK and ASYNCCLK).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R329
(0149h)
Output
system
clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV [4:0]
00h
OPCLK Divider
00h = Divide by 1
01h = Divide by 1
02h = Divide by 2
03h = Divide by 3
…
1Fh = Divide by 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com