Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 201 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 201 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 198Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 200Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 201Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 202Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 203Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 204Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 205Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
201
GPn_FN
DESCRIPTION
COMMENTS
2Ah
AIF3 Configuration Error
Indicates AIF3 configuration error
0 = AIF3 configuration OK
1 = AIF3 configuration error
2Bh
Speaker Shutdown
Temperature
Indicates Shutdown Temperature status
0 = Temperature is below shutdown level
1 = Temperature is above shutdown level
2Ch
Speaker Warning
Temperature
Indicates Warning Temperature status
0 = Temperature is below warning level
1 = Temperature is above warning level
2Dh
Underclocked Error
Indicates insufficient SYSCLK or ASYNCCLK cycles for
one or more of the selected signal paths or signal
processing functions. Increasing the SYSCLK or
ASYNCCLK frequency (as applicable) should allow the
selected configuration to be supported.
0 = Normal
1 = Underclocked error
2Eh
Overclocked Error
Indicates that an unsupported device configuration has
been attempted, as the clocking requirements of the
requested configuration exceed the device limits.
0 = Normal
1 = Overclocked error
2Fh
Reserved
30h
Reserved
31h
Reserved
32h
Reserved
33h
Reserved
34h
Reserved
35h
DSP IRQ1 Flag
DSP Status flag (DSP_IRQ1) output
0 = DSP_IRQ1 not asserted
1 = DSP_IRQ1 asserted
36h
DSP IRQ2 Flag
DSP Status flag (DSP_IRQ2) output
0 = DSP_IRQ2 not asserted
1 = DSP_IRQ2 asserted
37h
Reserved
38h
Reserved
39h
Reserved
3Ah
Reserved
3Bh
Reserved
3Ch
Reserved
3Dh
OPCLK Async Clock
Output
Configurable clock output derived from ASYNCCLK
3Eh
Reserved
3Fh
Reserved
40h
Reserved
41h
Reserved
42h
Reserved
43h
Reserved
44h
Reserved
45h
DSP1 RAM Ready
DSP1 RAM Status
0 = Not ready
1 = Ready
46h
Reserved
47h
Reserved
48h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com