Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 195 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 195 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 193Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 194Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 195Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 197Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 198Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 199Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
195
WRITE SEQUENCE CONTROL
A Control Write Sequence can be associated with any of the JD1, GP5 or MICDET Clamp trigger
status bits. This is selected using the register bits described in Table 84.
Note that the JD1, GP5 or MICDET Clamp trigger status bits can only be used to trigger the Control
Write Sequencer during normal operation - it is not possible to trigger the Control Write Sequencer
from the same event used to trigger a Wake-Up transition.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (0041h)
Sequence
Control
7
WSEQ_ENA_MICD_CL
AMP_FALL
0
MICDET Clamp (Falling) Write
Sequencer Select
0 = Disabled
1 = Enabled
6
WSEQ_ENA_MICD_CL
AMP_RISE
0
MICDET Clamp (Rising) Write
Sequencer Select
0 = Disabled
1 = Enabled
5
WSEQ_ENA_GP5_FAL
L
0
GP5 (Falling) Write Sequencer
Select
0 = Disabled
1 = Enabled
4
WSEQ_ENA_GP5_RIS
E
0
GP5 (Rising) Write Sequencer
Select
0 = Disabled
1 = Enabled
3
WSEQ_ENA_JD1_FALL
0
JD1 (Falling) Write Sequencer
Select
0 = Disabled
1 = Enabled
2
WSEQ_ENA_JD1_RISE
0
JD1 (Rising) Write Sequencer
Select
0 = Disabled
1 = Enabled
Table 84 JD1, GP5 and MICDET Clamp Write Sequencer Control Registers
When a valid ‘Write Sequencer’ control event is detected, the respective control sequence will be
scheduled. See “Control Write Sequencer” for further details.
If desired, the Control Write Sequencer can be programmed to select the Sleep mode by writing ‘0’ to
the LDO1_ENA bit. (The LDOENA pin must not be asserted.)
See “Charge Pumps, Regulators and Voltage Reference” for details of the LDO1_ENA control bit.
INTERRUPT CONTROL
An Interrupt Request (IRQ) event can be associated with the JD1, GP5 or MICDET Clamp signals.
Separate ‘mask’ bits are provided to enable IRQ events on the rising and/or falling edges of each
signal.
See “Interrupts” for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com