Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 192 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 192 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 188Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 190Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 193Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 194Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 195Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 196Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
192
SLEEP CONTROL SIGNALS - JD1, GP5, MICDET CLAMP
The internal control signals JD1 and GP5 are provided to support the low-power Sleep mode. The
MICDET Clamp status is controlled by a selectable logic function, derived from JD1 and/or GP5. A
rising or falling edge of these signals can be used to trigger a Wake-Up transition (ie. exit from Sleep
mode).
The JD1, GP5 and MICDET Clamp status signals can also be used to trigger the Control Write
Sequencer and/or the Interrupt Controller.
Note that it is not possible to trigger the Control Write Sequencer from the same event used to trigger
a Wake-Up transition. (This is because SYSCLK is disabled following a Wake-Up transition; a valid
SYSCLK must be enabled before triggering the Control Write Sequencer.)
The JD1, GP5 and MICDET Clamp status signals are described in this section. The Wake-Up, Write
Sequencer, and Interrupt actions are described in the sections that follow.
The JD1 signal is derived from the Jack Detect function (see “External Accessory Detection”). This
input can be used to trigger Wake-Up or other actions in response to a jack insertion or jack removal
detection.
When the JD1 signal is enabled, it indicates the status of the JACKDET input pin. See Table 74 for
details of the associated control registers.
The GP5 signal is derived from the GPIO5 input pin (see “General Purpose Input / Output”). This input
can be used to trigger Wake-Up or other actions in response to a logic level input detected on the
GPIO5 pin.
When using the GP5 signal, the GPIO5 pin must be configured as a GPIO input (GP5_DIR=1,
GP5_FN=01h). An internal pull-up or pull-down resistor may be enabled on the GPIO5 pin if required.
The GPIO pin control registers are defined in Table 85.
The MICDET Clamp status is controlled by the JD1 and/or GP5 signals (see “External Accessory
Detection”). The configurable logic provides flexibility in selecting the appropriate conditions for
activating the MICDET Clamp. The clamp status can be used to trigger Wake-Up or other actions in
response to a jack insertion or jack removal detection.
The MICDET Clamp function is configured using the MICD_CLAMP_MODE register, as described in
Table 75.
Whenever a rising or falling edge is detected on JD1, GP5 or MICDET Clamp status, the WM5102 will
assert the respective trigger status (_TRIG_STS) bit. The trigger status bits are latching fields and,
once they are set, they are not reset until a ‘1’ is written to the respective register bit(s).
The JD1, GP5 and MICDET Clamp trigger status bits are described in Table 82.
The trigger status bits can be used to control Wake-Up and Write Sequencer actions. The JD1, GP5
and MICDET Clamp signals are inputs to the Interrupt Controller. Each of these functions is described
in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com