Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 188 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 188 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 184Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 185Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 186Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 187Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 188Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 190Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 191Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 192Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
188
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R668
(029Ch)
Headphone
Detect 2
15
HP_DONE
0
Headphone Detect Status
0 = HP Detect not complete
1 = HP Detect done
R671
(029Fh)
Headphone
Detect Test
9:0
HP_DACVAL [9:0]
000h
Headphone Detect Level
(see separate description for decode)
Table 79 Headphone Detect Control
Figure 66 Headphone Detect Interface
The external connections for the Headphone Detect circuit are illustrated in Figure 66. Note that only
the HPOUT1L or HPOUT1R headphone outputs should be connected to HPDETL or HPDETR pins -
impedance measurement is not supported on HPOUT2L, HPOUT2R, EPOUTP or EPOUTN.
Note that, where external resistors are connected in series with the headphone load, as illustrated, it
is recommended that the HPDETn connection is to the headphone side of the resistors. If the
HPDETn connection is made to the WM5102 ‘end’ of these resistors, this will lead to a corresponding
offset in the measured impedance.
Note that the measurement accuracy of the headphone detect function may be up to +/-30%.
Under default conditions, the measurement time varies between 17ms and 61ms according to the
impedance of the external load. A high impedance will be measured faster than a low impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com