Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 185 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 185 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 181Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 182Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 183Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 184Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 185Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 186Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 187Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 188Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 189Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
185
The timing of the microphone detect function is illustrated in Figure 65. Two different cases are
shown, according to whether MICBIASn is enabled periodically by the impedance measurement
function (MICBn_ENA=0), or is enabled at all times (MICBn_ENA=1).
Figure 65 Microphone and Accessory Detect Timing
HEADPHONE DETECT
The WM5102 headphone detection circuit measures the impedance of an external headphone load.
This feature can be used to set different gain levels or to apply other configuration settings according
to the type of load connected. Separate monitor pins are provided for headphone detection on the left
and right channels of HPOUT1.
Headphone detection may only be selected on one channel at a time. The available channels are the
HPDETL pin or the HPDETR pin. The selected channel is determined by the ACCDET_MODE
register as described in Table 79.
The WM5102 can only support one headphone or microphone detection function at any time. When
the detection function is not in use, it is recommended to set ACCDET_MODE=00.
Headphone detection on the selected channel is commanded by writing a ‘1’ to the HP_POLL register
bit. The impedance measurement range is configured using the HP_IMPEDANCE_RANGE register.
Note that a number of separate measurements (for different impedance ranges) is typically required in
order to determine the load impedance; the recommended control sequence is described below.
For correct operation, the respective output driver(s) must be disabled when headphone detection is
commanded on HPOUT1L or HPOUT1R. The applicable ground clamp must also be disabled. These
requirements are detailed in Table 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com