Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 172Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 173Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 174Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 175Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 177Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 178Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 179Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 180Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
176
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1168
(0490h)
PDM
SPK1
CTRL 1
13
SPK1R_MUTE
0
PDM Speaker Output 1 (Right) Mute
0 = Audio output (OUT5R)
1 = Mute Sequence output
12
SPK1L_MUTE
0
PDM Speaker Output 1 (Left) Mute
0 = Audio output (OUT5L)
1 = Mute Sequence output
8
SPK1_MUTE_EN
DIAN
0
PDM Speaker Output 1 Mute Sequence
Control
0 = Mute sequence is LSB first
1 = Mute sequence output is MSB first
7:0
SPK1_MUTE_SE
Q [7:0]
69h
PDM Speaker Output 1 Mute Sequence
Defines the 8-bit code that is output on
SPKDAT1 (left) or SPKDAT1 (right) when
muted.
R1169
(0491h)
PDM
SPK1
CTRL 2
0
SPK1_FMT
0
PDM Speaker Output 1 timing format
0 = Mode A (PDM data is valid at the
rising/falling edges of SPKCLK)
1 = Mode B (PDM data is valid during the
high/low phase of SPKCLK)
Table 73 Digital Speaker (PDM) Output Control
The digital speaker (PDM) outputs SPKDAT and SPKCLK are intended for direct connection to a
compatible external speaker driver. A typical configuration is illustrated in Figure 60.
Figure 60 Digital Speaker (PDM) Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com