Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 174 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 174 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 170Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 171Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 172Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 173Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 174Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 175Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 176Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 177Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 178Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
174
SPEAKER OUTPUTS (ANALOGUE)
The speaker driver outputs SPKOUTLP, SPKOUTLN, SPKOUTLP and SPKOUTLN provide two
differential (BTL) outputs suitable for direct connection to external loudspeakers. The integrated Class
D speaker driver provides high efficiency at large signal levels.
The speaker driver signal paths incorporate a boost function which shifts the signal levels between the
AVDD and SPKVDD voltage domains. The boost is pre-configured (+12dB) for the recommended
AVDD and SPKVDD operating voltages (see “Recommended Operating Conditions”).
Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be connected directly to a
lithium battery. Note that SPKVDDL powers the Left Speaker driver, and SPKVDDR powers the Right
Speaker driver; it is assumed that SPKVDDL = SPKVDDR = SPKVDD.
Note that SYSCLK must be present and enabled when using the Class D speaker output; see
“Clocking and Sample Rates” for details of SYSCLK and the associated register control fields.
The OUT4L and OUT4R output signal paths are associated with the analogue outputs SPKOUTLP,
SPKOUTLN, SPKOUTLP and SPKOUTLN.
The Class D speaker output is a pulse width modulated signal, and requires external filtering in order
to recreate the audio signal. With a suitable choice of external speakers, the speakers themselves can
provide the necessary filtering. See “Applications Information” for further information on Class D
speaker connections.
The external speaker connection is illustrated in Figure 58, assuming suitable speakers are chosen to
provide the PWM filtering.
Figure 58 Speaker Connection
SPEAKER OUTPUTS (DIGITAL PDM)
The WM5102 supports a two-channel Pulse Density Modulation (PDM) digital speaker interface; the
PDM outputs are associated with the OUT5L and OUT5R output signal paths.
The PDM digital speaker interface is illustrated in Figure 59.
The OUT5L and OUT5R output signal paths are interleaved on the SPKDAT output pin, and clocked
using SPKCLK.
Note that the PDM interface supports two different operating modes; these are selected using the
SPK1_FMT register bit. See “Signal Timing Requirements” for detailed timing information in both
modes.
When SPK1_FMT = 0 (Mode A), then the Left PDM channel is valid at the rising edge of SPKCLK; the
Right PDM channel is valid at the falling edge of SPKCLK.
When SPK1_FMT = 1 (Mode B), then the Left PDM channel is valid during the low phase of SPKCLK;
the Right PDM channel is valid during the high phase of SPKCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com